Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V62/04754-03YA Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # V62/04754-03YA
Description  FLOATING-POINT DIGITAL SIGNAL PROCESSORS
PDF  109 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

V62/04754-03YA Datasheet(HTML) 49 Page - Texas Instruments

Back Button V62/04754-03YA Datasheet HTML 45Page - Texas Instruments V62/04754-03YA Datasheet HTML 46Page - Texas Instruments V62/04754-03YA Datasheet HTML 47Page - Texas Instruments V62/04754-03YA Datasheet HTML 48Page - Texas Instruments V62/04754-03YA Datasheet HTML 49Page - Texas Instruments V62/04754-03YA Datasheet HTML 50Page - Texas Instruments V62/04754-03YA Datasheet HTML 51Page - Texas Instruments V62/04754-03YA Datasheet HTML 52Page - Texas Instruments V62/04754-03YA Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 109 page
background image
SM320C6712EP, SM320C6712CEP, SM320C6712DEP
FLOATINGPOINT DIGITAL SIGNAL PROCESSORS
SGUS055 − SEPTEMBER 2004
49
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
PLL and PLL controller [C6712C/C6712D only] (continued)
Table 32. PLL Clock Frequency Ranges†‡
CLOCK SIGNAL
GDP16
UNIT
CLOCK SIGNAL
MIN
MAX
UNIT
PLLREF (PLLEN = 1)
12
100
MHz
PLLOUT
140
600
MHz
SYSCLK1
−
Device Speed (DSP Core)
MHz
SYSCLK3 (EKSRC = 0)
−
100
MHz
† SYSCLK2 rate must be exactly half of SYSCLK1.
‡ Also see the electrical specification (timing requirements and switching characteristics parameters) in the Input
and Output Clocks section of this data sheet.
The EMIF itself may be clocked by an external reference clock via the ECLKIN pin or can be generated on-chip
as SYSCLK3. SYSCLK3 is derived from divider D3 off of PLLOUT (see Figure 10, PLL and Clock Generator
Logic). The EMIF clock selection is programmable via the EKSRC bit in the DEVCFG register.
The settings for the PLL multiplier and each of the dividers in the clock generation block may be reconfigured
via software at run time. If either the input to the PLL changes due to D0, CLKMODE0, or CLKIN, or if the PLL
multiplier is changed, then software must enter bypass first and stay in bypass until the PLL has had enough
time to lock (see electrical specifications). For the programming procedure, see the TMS320C6000 DSP
Software-Programmable Phase-Locked Loop (PLL) Controller Reference Guide (literature number SPRU233).
SYSCLK2 is the internal clock source for peripheral bus control. SYSCLK2 (Divider D2) must be programmed
to be half of the SYSCLK1 rate. For example, if D1 is configured to divide-by-2 mode (/2), then D2 must be
programmed to divide-by-4 mode (/4). SYSCLK2 is also tied directly to CLKOUT2 pin (see Figure 10).
During the programming transition of Divider D1 and Divider D2 (resulting in SYSCLK1 and SYSCLK2 output
clocks, see Figure 10), the order of programming the PLLDIV1 and PLLDIV2 registers must be observed to
ensure that SYSCLK2 always runs at half the SYSCLK1 rate or slower. For example, if the divider ratios of D1
and D2 are to be changed from /1, /2 (respectively) to /5, /10 (respectively) then, the PLLDIV2 register must be
programmed before the PLLDIV1 register. The transition ratios become /1, /2; /1, /10; and then /5, /10. If the
divider ratios of D1 and D2 are to be changed from /3, /6 to /1, /2 then, the PLLDIV1 register must be programmed
before the PLLDIV2 register. The transition ratios, for this case, become /3, /6; /1, /6; and then /1, /2. The final
SYSCLK2 rate must be exactly half of the SYSCLK1 rate.
Note that Divider D1 and Divider D2 must always be enabled (i.e., D1EN and D2EN bits are set to “1” in the
PLLDIV1 and PLLDIV2 registers).
For detailed information on the clock generator (PLL Controller registers) and their associated software bit
descriptions, see Table 33 through Table 36.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com