Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000LAH
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12000LAH Datasheet(HTML) 3 Page - Texas Instruments

  PTH12000LAH Datasheet HTML 1Page - Texas Instruments PTH12000LAH Datasheet HTML 2Page - Texas Instruments PTH12000LAH Datasheet HTML 3Page - Texas Instruments PTH12000LAH Datasheet HTML 4Page - Texas Instruments PTH12000LAH Datasheet HTML 5Page - Texas Instruments PTH12000LAH Datasheet HTML 6Page - Texas Instruments PTH12000LAH Datasheet HTML 7Page - Texas Instruments PTH12000LAH Datasheet HTML 8Page - Texas Instruments PTH12000LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
For technical support and further information visit http://power.ti.com
6-A, 12-V Input Non-Isolated
Wide-Output Adjust Power Module
SLTS202E– MAY 2003 – REVISED NOVENBER 2007
PTH12000W — 12-V Input
Electrical Specifications Unless otherwise stated, Ta =25 °C, Vin =12 V, Vo =3.3 V, C1 =100 μF, C2 =0 μF, C3 =0 μF, and Io =Iomax
PTH12000W
Characteristics
Symbols
Conditions
Min
Typ
Max
Units
Output Current
Io
Over
ΔVadj range
Ta =60 °C, 200 LFM
0
—
6 (1)
A
Ta =25 °C, natural convection
0
—
6 (1)
Input Voltage Range
Vin
Over Io range
10.8
—
13.2
V
Set-Point Voltage Tolerance
Vo tol
—
—
±2 (2)
%Vo
Temperature Variation
ΔRegtemp
–40 °C <Ta < +85 °C
—
±0.5
—
%Vo
Line Regulation
ΔRegline
Over Vin range
—
±5
—
mV
Load Regulation
ΔRegload
Over Io range
—
±5
—
mV
Total Output Variation
ΔRegtot
Includes set-point, line, load,
——±3 (2)
%Vo
–40 °C
≤ Ta ≤ +85 °C
Ouput Voltage Adjust Range
ΔVadj
Over Vin range
1.2
—
5.5
V
Efficiency
η
Vin =12 V, Io =4 A
RSET = 280
Ω Vo = 5.0 V
—
92
—
RSET = 2.0 k
Ω Vo = 3.3 V
—
90
—
RSET = 4.32 kΩ Vo = 2.5 V
—
88
—
RSET = 8.06 k
Ω Vo = 2.0 V
—
87
—
%
RSET = 11.5 k
Ω Vo = 1.8 V
—
86
—
RSET = 24.3 k
Ω Vo = 1.5 V
—
84
—
RSET = open cct Vo
= 1.2 V
—
82
—
Vo Ripple (pk-pk)
Vr
20 MHz bandwidth, Io =4 A
Vo
≥ 3.3 V
—
50 (3)
—
mVpp
C3 =10 μF ceramic
Vo
≤ 2.5 V
—
25 (3)
—
Transient Response
1 A/μs load step, 50 to 100 % Iomax,
Vo =1.8 V, C2 =100 μF
ttr
Recovery time
—
70
—
μSec
ΔVtr
Vo over/undershoot
—
100
—
mV
Over-Current Threshold
Io trip
Reset followed by auto-recovery
—
12
—
A
Under-Voltage Lockout
UVLO
Vin increasing
—
—
10.4
V
Vin decreasing
8.8
—
—
Inhibit Control (pin 3)
Referenced to GND
Input High Voltage
VIH
Vin –0.5
—
Open (4)
V
Input Low Voltage
VIL
–0.2
—
0.5
Input Low Current
IIL
Pin 3 to GND
—
–240
—
μA
Standby Input Current
Iin standby
pins 1 & 3 connected
—
1
—
mA
Switching Frequency
ƒs
Over Vin and Io ranges
300
350
400
kHz
External Input Capacitance
Cin
100 (5)
——μF
External Output Capacitance
Cout
Capacitance value
non-ceramic
0
100 (6)
3,300 (7)
μF
ceramic
0
—
300
Equiv. series resistance (non-ceramic)
4
(8)
——m
Ω
Reliability
MTBF
Per Bellcore TR-332
9.4
—
—
106 Hrs
50 % stress, Ta =40 °C, ground benign
Notes: (1) See SOA curves or consult factory for appropriate derating.
(2) The set-point voltage tolerance is affected by the tolerance and stability ofRSET. The stated limit is unconditionally met if RSET has a tolerance of 1%
with 100 ppm/°C or better temperature stability.
(3) The pk-pk output ripple voltage is measured with an external 10 μF ceramic capacitor. See the standard application schematic.
(4) The Inhibit control (pin 3) has an internal pull-up to Vin, and if left open-circuit the module will operate when input power is applied. A small low-
leakage (<100 nA) MOSFET is recommended to control this input. See application notes for more information.
(5) The regulator requires a minimum of 100 μF input capacitor with a minimum 750 mArms ripple current rating. For further information, consult the
related application note on Capacitor Recommendations.
(6) An external output capacitor is not required for basic operation. Adding 100 μF of distributed capacitance at the load will improve the transient response.
(7) This is the calculated maximum. The minimum ESR limitation will often result in a lower value. Consult the application notes for further guidance.
(8) This is the typical ESR for all the electrolytic (non-ceramic) output capacitance. Use 7 m
Ω as the minimum when using max-ESR values to calculate.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com