Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000LAH
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12000LAH Datasheet(HTML) 1 Page - Texas Instruments

  PTH12000LAH Datasheet HTML 1Page - Texas Instruments PTH12000LAH Datasheet HTML 2Page - Texas Instruments PTH12000LAH Datasheet HTML 3Page - Texas Instruments PTH12000LAH Datasheet HTML 4Page - Texas Instruments PTH12000LAH Datasheet HTML 5Page - Texas Instruments PTH12000LAH Datasheet HTML 6Page - Texas Instruments PTH12000LAH Datasheet HTML 7Page - Texas Instruments PTH12000LAH Datasheet HTML 8Page - Texas Instruments PTH12000LAH Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
For technical support and further information visit http://power.ti.com
Standard Application
Features
• Up to 6-A Output Current
• 12-V Input Voltage
• Wide-Output Voltage Adjust
(1.2 V to 5.5 V)/(0.8 V to 1.8 V)
• 230 W/in³ Power Density
• Efficiencies up to 92 %
• Pre-Bias Startup
• On/Off Inhibit
6-A, 12-V Input Non-Isolated
Wide-Output Adjust Power Module
Rset = Required to set the output voltage higher than
the lowest value (see spec. table for values).
C1
= Required 100 μF capacitor
C2
= Optional 100 μF capacitor
C3
= Optional 10 μF ceramic capacitor
• Under-Voltage Lockout
• Output Over-Current Protection
(Non-Latching, Auto-Reset)
• Operating Temp: –40 to +85 °C
• Surface Mount Package
• Safety Agency Approvals:
UL/cUL 60950, EN60950
VDE
VIN
CIN
100 µF
(Required)
COUT
100 µF
(Optional)
Inhibit
GND
GND
VOUT
PTH12000x
(Top View)
15
2
3
4
RSET, 1%
(Required)
SLTS202E– MAY 2003 – REVISED NOVENBER 2007
Description
The PTH12000 series of non-isolated
power modules are small in size and high
on performance. Using double-sided sur-
face mount construction and synchronous
rectification technology, these regulators
deliver up to 6 A of output current while
occupying a PCB area of about half the
size of a standard postage stamp. They
are an ideal choice for applications where
space, performance and cost are impor-
tant design constraints.
The series operates from an input volt-
age of 12 V to provide step-down power
conversion to a wide range of output volt-
ages. W-suffix devices are adjustable from
1.2 V to 5.5 V, and L-suffix devices are
adjustable from 0.8 V to 1.8 V. The out-
put voltage is set within the adjustment
range using a single external resistor.
Operating features include an on/off
inhibit, output voltage adjust (trim), and
the ability to start up into an existing
output voltage or prebias. A non-latching
over-current trip provides protection
against load faults.
Target applications include telecom,
industrial, and general purpose circuits,
including low-power dual-voltage systems
that use a DSP, microprocessor, or ASIC.
Package options include both through-
hole and surface mount configurations.
Pin Configuration
Pin
Function
1
GND
2Vin
3
Inhibit *
4Vo Adjust
5Vout
* Denotes negative logic:
Open
= Output On
Ground = Output Off
NOMINAL SIZE =
0.75 in x 0.5 in
(19,05 mm x 12,7 mm)
PTH12000W/L — 12-V Input


Similar Part No. - PTH12000LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12000LAH TI-PTH12000LAH Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12000LAH TI2-PTH12000LAH Datasheet
636Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED NOVENBER 2007
PTH12000LAH.B TI2-PTH12000LAH.B Datasheet
636Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
REVISED NOVENBER 2007
More results

Similar Description - PTH12000LAH

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTH12050W TI-PTH12050W Datasheet
350Kb / 18P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12060W TI-PTH12060W Datasheet
1Mb / 29P
10-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12020W TI-PTH12020W Datasheet
917Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12010W TI-PTH12010W Datasheet
997Kb / 27P
12-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
logo
Astec America, Inc
ATH10K12 ASTEC-ATH10K12 Datasheet
416Kb / 13P
10-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH18K12 ASTEC-ATH18K12 Datasheet
1Mb / 13P
18-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
ATH26K12 ASTEC-ATH26K12 Datasheet
1Mb / 16P
26-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
logo
Texas Instruments
PTH12000W TI-PTH12000W Datasheet
575Kb / 19P
6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PTH12020L TI1-PTH12020L Datasheet
936Kb / 27P
18-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12050LAS TI1-PTH12050LAS Datasheet
1Mb / 26P
6-A, 12-V INPUT NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com