Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000LAH
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12000LAH Datasheet(HTML) 9 Page - Texas Instruments

Back Button PTH12000LAH Datasheet HTML 5Page - Texas Instruments PTH12000LAH Datasheet HTML 6Page - Texas Instruments PTH12000LAH Datasheet HTML 7Page - Texas Instruments PTH12000LAH Datasheet HTML 8Page - Texas Instruments PTH12000LAH Datasheet HTML 9Page - Texas Instruments PTH12000LAH Datasheet HTML 10Page - Texas Instruments PTH12000LAH Datasheet HTML 11Page - Texas Instruments PTH12000LAH Datasheet HTML 12Page - Texas Instruments PTH12000LAH Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Adjusting the Output Voltage of the PTH12000x
Wide-Output Adjust Power Modules
The Vo Adjust control (pin 4) sets the output voltage of
the PTH12000 product. The adjustment range is from
1.2 V to 5.5 V for the W-suffix modules, and 0.8 V to
1.8 V for L-suffix modules. The adjustment method
requires the addition of a single external resistor, Rset,
that must be connected directly between the Vo Adjust
and GND pins 1. Table 2-1 gives the preferred value of the
external resistor for a number of standard voltages, along
with the actual output voltage that this resistance value
provides. Figure 2-1 shows the placement of the required
resistor.
Figure 2-1; Vo Adjust Resistor Placement
Notes:
1. A 0.05-W rated resistor may be used. The tolerance
should be 1 %, with a temperature stability of 100 ppm/°C
or better. Place the resistor as close to the regulator as
possible. Connect the resistor directly between pins 4
and 1 using dedicated PCB traces.
2. Never connect capacitors from Vo Adjust to either GND or
Vout. Any capacitance added to the Vo Adjust pin will affect
the stability of the regulator.
PTH12000W
PTH12000L
Vout (Req’d)
Rset
Vout (Actual)
Rset
Vout (Actual)
5 V
280
Ω
5.009 V
N/A
N/A
3.3 V
2.0 k
Ω
3.294 V
N/A
N/A
2.5 V
4.32 k
Ω
2.503 V
N/A
N/A
2 V
8.06 k
Ω
2.010 V
N/A
N/A
1.8 V
11.5 k
Ω
1.801 V
130
Ω
1.800 V
1.5 V
24.3 k
Ω
1.506 V
3.57 k
Ω
1.499 V
1.2 V
Open
1.200 V
12.1 k
Ω
1.201 V
1.1 V
N/A
N/A
18.7 k
Ω
1.101 V
1.0 V
N/A
N/A
32.4 k
Ω
0.999 V
0.9 V
N/A
N/A
71.5 k
Ω
0.901 V
0.8 V
N/A
N/A
Open
0.800 V
Table 2-1; Preferred Values of Rset for Standard Output Voltages
PTH12000 Series
PTH12000x
VIN
1
4
5
2
3
CIN
100µF
(Required)
COUT
100µF
(Optional)
Inhibit
GND
GND
VOUT
RSET, 1 %
VO Adj
GND
Inhibit
VIN
VO
For other output voltages the value of the required resistor
can either be calculated, or simply selected from the range
of values given in Table 2-3. The following formula may
be used for calculating the adjust resistor value. Select
the appropriate value for the parameters, Rs and Vmin,
from Table 2.2.
Rset
= 10 k
Ω ·
0.8 V
– Rs
k
Ω
Vout – Vmin
Table 2.2; Adjust Formula Parameters
Pt. No.
PTH12000W
PTH12000L
Vmin
1.2 V
0.8 V
Vmax
5.5 V
1.8 V
Rs
1.82 k
Ω
7.87 k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com