Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PTH12000LAH Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # PTH12000LAH
Description  6-A, 12-V Input Non-Isolated Wide-Output Adjust Power Module
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

PTH12000LAH Datasheet(HTML) 11 Page - Texas Instruments

Back Button PTH12000LAH Datasheet HTML 7Page - Texas Instruments PTH12000LAH Datasheet HTML 8Page - Texas Instruments PTH12000LAH Datasheet HTML 9Page - Texas Instruments PTH12000LAH Datasheet HTML 10Page - Texas Instruments PTH12000LAH Datasheet HTML 11Page - Texas Instruments PTH12000LAH Datasheet HTML 12Page - Texas Instruments PTH12000LAH Datasheet HTML 13Page - Texas Instruments PTH12000LAH Datasheet HTML 14Page - Texas Instruments PTH12000LAH Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
Application Notes
For technical support and further information visit http://power.ti.com
Figure 3-2
Figure 3-3
Vo (2 V/Div)
Iin (1 A/Div)
Vinh (10 V/Div)
HORIZ SCALE: 5 ms/Div
Power-Up Characteristics
When configured per the standard application, the
PTH12000x power modules produce a regulated out-
put voltage whenever of a valid input voltage is applied
from Vin (pin 2), with respect to GND (pin 1). During
the power-up period, internal soft-start circuitry slows the
rate that the output voltage rises. This reduces the in-rush
current drawn from the input source. The soft-start cir-
cuitry also introduces a short time delay (typically 12 ms)
into the power-up characteristic. The delay is from the
point that a valid input source is recognized, to the initial
rise of the output voltage. Figure 3-1 shows the power-
up characteristic of the PTH12000W with the output
voltage set to 5-V. The waveforms were measured with a
2-A resistive load. The initial rise in input current when
the input voltage first starts to rise is the charge current
drawn by the input capacitors.
Figure 3-1
Vin (5 V/Div)
Vo (5 V/Div)
Iin (2 A/Div)
HORIZ SCALE: 5 ms/Div
Over-Current Protection
For protectection against load faults, this series incorpo-
rates output over-current protection. Applying a load that
exceeds the module’s over-current threshold will cause
the regulated output to shut down. Following shut down
the module will periodically attempt to recover by initi-
ating a soft-start power-up. This is often described as a
“hiccup” mode of operation, whereby the module con-
tinues in the cycle of successive shut down and power up
until the load fault is removed. During this period, the
average current flowing into the fault is significantly
reduced. Once the fault is removed, the module auto-
matically recovers and returns to normal operation.
Output On/Off Inhibit
The inhibit control (pin 3) is used wherever there is a
requirement to turn off the regulator output while input
power is applied.
PTH12000 Series
PTH12000W
VIN
4
5
2
3
L
O
A
D
CIN
100 µF
Co1
100 µF
1 =Inhibit
GND
GND
VOUT
Q1
BSS138
RSET
280
1%
1
The power modules function normally when the Inhibit
pin is left open-circuit, providing a regulated output
whenever a valid source voltage is connected to Vin with
respect to GND.
Figure 3-2 shows the typical application of the inhibit
function. Note the discrete transistor (Q1). The Inhibit
pin has its own internal pull-up to Vin potential. An
open-collector or open-drain device is recommended to
control this input.
Turning Q1 on applies a low voltage to the inhibit control
and disables the output of the module. If Q1 is then turned
off, the module will execute a soft-start power-up. A
regulated output voltage is produced within 25 msec.
Figure 3-3 shows the typical rise in both the output volt-
age and input current, following the turn-off of Q1. The
turn off of Q1 corresponds to the rise in the waveform,
Vinh. The waveforms were measured with a 5-V output
and 2-A resistive load.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com