Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC735 Datasheet(PDF) 13 Page - SONiX Technology Company

Part # SNC735
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC735 Datasheet(HTML) 13 Page - SONiX Technology Company

Back Button SNC735 Datasheet HTML 7Page - SONiX Technology Company SNC735 Datasheet HTML 8Page - SONiX Technology Company SNC735 Datasheet HTML 9Page - SONiX Technology Company SNC735 Datasheet HTML 10Page - SONiX Technology Company SNC735 Datasheet HTML 11Page - SONiX Technology Company SNC735 Datasheet HTML 12Page - SONiX Technology Company SNC735 Datasheet HTML 13Page - SONiX Technology Company SNC735 Datasheet HTML 14Page - SONiX Technology Company SNC735 Datasheet HTML 15Page - SONiX Technology Company  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
SNC735
16-bit Voice Processor
Ver: 1.2
October 23, 2002
13
I/O and VDD 4.5V, CVDD 3V, 16MHz ROSC, DA output
Note:
1. All the ”VDD” should be connected together before connected to the power source
which with a 47uF(C4) capacitor.
2. The capacitor “C5” is near the “CVDD” pin.
VDD
VDD
R1
220K
C1
0.1u
LS1
SPEAKER
C4
47u
TR5
TR6
TR7
TR8
TR1
TR2
TR3
TR4
C5
4.7u
C6
0.1u
BT1
BATTERY
BT2
BATTERY
3V
4.5V
Y1
32768
C7
15p
C8
15p
VR1
75K
VR2
100K
Q1
8050
R7
R
VDD
2
3
4
7
8
9
10
11
13
14
16
12
17
18
19
20
21
22
23
26
27
28
29
30
31
32
33
34
35
36
38
39
40
41
6
25
42
43
45
46
U1
SNC735
VDD
VDD
VDD
VDD
CVDD
CVDD
RST
BP0
BN0
VO
XIN
XOUT
LXIN
LXOUT
P0.0
P0.1
P0.2
P0.3
P0.4
P0.5
P0.6
P0.7
P0.8
P0.9
P0.10
P0.11
P0.12
P0.13
P0.14
P0.15
P1.0
P1.1
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
CKSEL
TEST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com