Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC735 Datasheet(PDF) 4 Page - SONiX Technology Company

Part # SNC735
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC735 Datasheet(HTML) 4 Page - SONiX Technology Company

  SNC735 Datasheet HTML 1Page - SONiX Technology Company SNC735 Datasheet HTML 2Page - SONiX Technology Company SNC735 Datasheet HTML 3Page - SONiX Technology Company SNC735 Datasheet HTML 4Page - SONiX Technology Company SNC735 Datasheet HTML 5Page - SONiX Technology Company SNC735 Datasheet HTML 6Page - SONiX Technology Company SNC735 Datasheet HTML 7Page - SONiX Technology Company SNC735 Datasheet HTML 8Page - SONiX Technology Company SNC735 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SNC735
16-bit Voice Processor
Ver: 1.2
October 23, 2002
4
5. RAM TABLE
Total RAM size is 2K words, and one bank is 512 words. If user need playing voice
(2Kbps, 3.6Kbps, 12Kbps, dual-tone melody and 4-ch wave-table melody), the system
will reserve 1.5K words RAM size.
6. System Clock
The system clock source also can be selected from 16Mhz crystal or ROSC. For the
ROSC, user should connect two resistors in the pin “XIN” and “XOUT” instead of 16MHZ
crystal. Beside, the clock source select pin “CKSEL” also should be connected to VDD
for ROSC. In order to get an accurate system clock by ROSC, the real time clock
source is recommended to connect a 32768HZ crystal for system clock
calibration.
Bank0
Bank1
Bank2
Bank3
Free for User
0x0000
0x01FF
0x0200
0x03FF
0x0400
0x05FF
0x0600
0x07FF
Reserved for
OS and Voice
Algorithm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com