Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC735 Datasheet(PDF) 6 Page - SONiX Technology Company

Part # SNC735
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC735 Datasheet(HTML) 6 Page - SONiX Technology Company

Back Button SNC735 Datasheet HTML 2Page - SONiX Technology Company SNC735 Datasheet HTML 3Page - SONiX Technology Company SNC735 Datasheet HTML 4Page - SONiX Technology Company SNC735 Datasheet HTML 5Page - SONiX Technology Company SNC735 Datasheet HTML 6Page - SONiX Technology Company SNC735 Datasheet HTML 7Page - SONiX Technology Company SNC735 Datasheet HTML 8Page - SONiX Technology Company SNC735 Datasheet HTML 9Page - SONiX Technology Company SNC735 Datasheet HTML 10Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
SNC735
16-bit Voice Processor
Ver: 1.2
October 23, 2002
6
P0.15 Modulated with a carry signal
8. TIMER/COUNTER
SNC735 provides three 8 -bit timer/event counters (T0/T1/T2). Each timer is 8-bit binary
up-count timer with pre-scalar and auto-reload function. Timer 0 (T0) is used when voice
playing, so user should avoid to use T0.
9. DAC & PWM
To play out voices, SNC735 contains two different solutions, DAC and PWM, for the
users’ applications. The user can choose one of these two solutions in his design. Only
one function can be activated at one time.
DAC: A 10-bit current type digital-to-analog converter is built-in SNC735. The
relationship between input digital data and output analog current is listed in the following
table. Also, the recommended application circuit is illustrated as follows.
Timer2
Overflow
P0.15
2
IREN
I/O Pad
Auto-reload
TnC (8-bit)
(system clock)/2*
Pre-scalar
Enable
8-bit Up
Counter
If equal, Time out
/2
/4
/8
/256
MU
comparator
clear



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com