Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SNC735 Datasheet(PDF) 3 Page - SONiX Technology Company

Part # SNC735
Description  16-bit Voice Processor
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SONIX [SONiX Technology Company]
Direct Link  http://www.sonix.com.tw
Logo SONIX - SONiX Technology Company

SNC735 Datasheet(HTML) 3 Page - SONiX Technology Company

  SNC735 Datasheet HTML 1Page - SONiX Technology Company SNC735 Datasheet HTML 2Page - SONiX Technology Company SNC735 Datasheet HTML 3Page - SONiX Technology Company SNC735 Datasheet HTML 4Page - SONiX Technology Company SNC735 Datasheet HTML 5Page - SONiX Technology Company SNC735 Datasheet HTML 6Page - SONiX Technology Company SNC735 Datasheet HTML 7Page - SONiX Technology Company SNC735 Datasheet HTML 8Page - SONiX Technology Company SNC735 Datasheet HTML 9Page - SONiX Technology Company Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SNC735
16-bit Voice Processor
Ver: 1.2
October 23, 2002
3
4. ROM TABLE
The total ROM size is 256K words. But only 64K words ROM for programming.
And 32K words of all is the high speed program ROM. The high-low speed ratio is 1:16,
that is to say, if the instruction cycle is two clocks at high speed ROM, the instruction cycle
will down to 32 clocks at low speed ROM.
Hi-Speed ROM
(32K words)
0x000000
0x007FFF
Low-Speed program
ROM
(32K words)
0x008000
0x00FFFF
Data ROM
0x010000
0x03FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com