Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R40CU-RJ6P-2000-A Datasheet(PDF) 10 Page - YAMAHA CORPORATION

Part # Y-CONC-R40CU-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R40CU-RJ6P-2000-A Datasheet(HTML) 10 Page - YAMAHA CORPORATION

Back Button Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 6Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 7Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 8Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 9Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
IP20 Protected Components
Description:
IP20 holding frames 1x, 2x or 4x format.
For use with all RJ45 and USB IP20Lock products
IP20 Halterahmen in 1x, 2x oder 4x Ausführung zur Verwendung
mit allen RJ45 und USB IP20Lock Produkten
Specifications: Material PA66 (Black)
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Description:
IP20 lock strain relief with vibration resistant locking
clips. Also available with additional locking slider for
increased mechanical retention. For use with all Y-Con
plugs
IP20-Zugentlastung mit vibrationsstabilen Rasthaken.
Auch mit zusätzlichem Schiebeverschluss für verbesserte mechanische
Rückhaltekraft verfügbar. Für den Einsatz mit allen Y-Con Kabelsteckern
Material:
PA66
Colour:
Y-ConIP20Lock-10 (Black)
Farbe
Y-ConIP20Lock-20 (Black & White)
Specifications:
Operating Temp.: -20°C ~ +120°C
Betriebstemp.
Part Number
Type
Y-ConIP20Lock-10
Standard
Y-ConIP20Lock-20
With additional locking slider
Part Number
No. of Holding Frames
Y-ConIP20HFR-10
1
Y-ConIP20HFR-20
2
Y-ConIP20HFR-40
4
Series
10 = Standard Type
20 = With Locking Slider
Y-ConIP20Lock - **
Part Number (Details)
Y-ConIP20Lock-10
Y-ConIP20Lock-20
Outline Dimensions:
Series
Number of Holding Frames
Y-ConIP20HFR - *
Part Number (Details)
Y-ConIP20Lock-10
Y-ConIP20Lock-20
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com