Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R40CU-RJ6P-2000-A Datasheet(PDF) 14 Page - YAMAHA CORPORATION

Part # Y-CONC-R40CU-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R40CU-RJ6P-2000-A Datasheet(HTML) 14 Page - YAMAHA CORPORATION

Back Button Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 10Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 11Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 12Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 13Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 14Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 15Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 42 page
background image
A
B
A
B
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
13
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
Possible Wiring Diagrams
Possible Cover
Variations
Note: Y-ConPlug-11, -12 and -31 use only
signal contacts 1, 2, 3 & 6.
A and B are optional power contacts
IP6* plastic cover
T568A 1 : 1
T568A Crossover
T568B Crossover
T568B 1 : 1
IP20 metal cover
IP6* metal cover
IP20 strain relief
Y-ConPlug-**
for all these
Y-Con covers
IP20Lock strain relief
IP20Lock 90° molded
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
A
B
A
B
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
RJ45 Cable Assemblies
A
B
A
B
A
B
A
B



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com