Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R40CU-RJ6P-2000-A Datasheet(PDF) 20 Page - YAMAHA CORPORATION

Part # Y-CONC-R40CU-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R40CU-RJ6P-2000-A Datasheet(HTML) 20 Page - YAMAHA CORPORATION

Back Button Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 16Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 17Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 18Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 19Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 20Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 21Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 23Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 24Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
TECHNISCHE ÄNDERUNGEN VORBEHALTEN – MASSE IN MILLIMETER
19
Description:
RJ45 180° coupler jack, Cat 5, with 8 pin 1:1 wiring, (including
flange adapter and locking clip). For use with Y-ConFlange-10-*
or Y-ConFlange-40-*
RJ45 180°-Verbindungsbuchse, Cat 5,mit 8-poliger1:1-Verdrahtung
(inklusive Flansch-Adapter und Stopper-Keil). Für den Einsatz mit Y-ConFlange-10-*
oder Y-ConFlange-40-*
Material
Jack body
PBT, UL94V-0
Isolierkörper
Shielding
Stainless Steel
Schirmung
Contact
Contact area Au/Ni
Kontakte
Adapter /
PBT, UL94V-0
Locking Clip
PA, UL94V-0
Specifications:
Operating Temp.: -20°C ~ +80°C
Betriebstemp.
Durability:
750 mechanical cycles
Lebensdauer
Description:
RJ45, Cat 6, shielded Keystone jack 8 pin
tool free. (Cat 6 i.a.w. ANSI / TIA / EIA 568-B.2-1)
For AWG 24-26 (insulation
∅1.0 - 1.6mm).
For use with Y-ConFlange-10-* or Y-ConFlange-40-*
RJ45, Cat 6, geschirmte Buchse 8-polig, werkzeuglos.
(Cat 6 nach ANSI / TIA / EIA 568-B.2-1). Für AWG 24-26 (Isolation
∅1.0 - 1.6mm).
Für den Einsatz mit Y-ConFlange-10-* oder Y-ConFlange-40-*
Material
Jack body
Die-cast zinc
RJ45 body
PA46
Isolierkörper
RJ45 shield
Tin Plated Brass
Schirmung
RJ45 contact
40µ“ Au/CuBe
IDC contact
CuZn37
Kontakte
Specifications:
Operating Temp.: -40°C ~ +80°C
Betriebstemp.
Durability:
750 mechanical cycles
Lebensdauer
36.4
10.3
17.4
Series
16 = for use with Y-ConFlange-10-* only
M = for use with Y-ConFlange-40-* only
Series
Design Number
K = for use with Y-ConFlange-10-* only
KM = for use with Y-ConFlange-40-* only
Y-ConJack
-
16 M
Y-ConJack - 16
K M
Part Number (Details)
Part Number (Details)
Industrial RJ45 Jacks
Adapter for
Y-ConJack-16K
Adapter for
Y-ConJack-16KM
Adapter for
Y-ConJack-16
Adapter for
Y-ConJack-16M
Y-ConJack-16KM
Y-ConJack-16M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com