Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

Y-CONC-R40CU-RJ6P-2000-A Datasheet(PDF) 25 Page - YAMAHA CORPORATION

Part # Y-CONC-R40CU-RJ6P-2000-A
Description  IP67/68/69K Protected Components
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAHA [YAMAHA CORPORATION]
Direct Link  http://www.yamaha.com
Logo YAMAHA - YAMAHA CORPORATION

Y-CONC-R40CU-RJ6P-2000-A Datasheet(HTML) 25 Page - YAMAHA CORPORATION

Back Button Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 21Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 22Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 23Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 24Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 25Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 26Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 27Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 28Page - YAMAHA CORPORATION Y-CONC-R40CU-RJ6P-2000-A Datasheet HTML 29Page - YAMAHA CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 42 page
background image
SPECIFICATIONS ARE FOR REFERENCE ONLY AND SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
24
Description:
100 Mbit, Cat 5 (Cat 5e), digital signal cable.
Silicon and CFC free
100 Mbps, Cat 5 (Cat 5e), Kabel für digitale Signale.
Silikon- und FCKW frei
Part Number Y-ConCable-1
Part Number Y-ConCable-4
Part Number Y-ConCable-2
Part Number Y-ConCable-7
for ProfiNet
Part Number Y-ConCable-3
Part Number Y-ConCable-10
Series
See table below
Y-ConCable - *
Part Number (Details)
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
2 x 2
2
PVC
-20°C ~ +80°C
6.9mm
No
125mm multiple turns
max. 100,000
AWG 24/7
0.22mm2
AWG 22/19
0.38mm2
Green
(+0.1)
35mm single turn
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
2 x 2
2
PUR
-20°C ~ +80°C
6.8mm
Yes
70mm multiple turns
max. 1 million
AWG 26/7
0.14mm2
AWG 22/7
0.34mm2
Green
(+0.2)
35mm single turn
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
4 *
0
PUR
-20°C ~ +80°C
6.8mm
Yes
102mm multiple turns max. 2.5 million
AWG 22/7
0.34mm2
Green
(+0.2)
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
2 x 2
0
PVC
-20°C ~ +80°C
6.85mm
No
min. 50mm single turn
-
AWG 24/7
0.22mm2
Grey
(+/-0.15)
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
4 x 2
0
PUR
-20°C ~ +70°C
6.8mm
Yes
68mm
max. 1 million
AWG 26/7
0.14mm2
Green
(+0.1/-0.3mm)
Signal
Power
Jacket
Temp.
Cable
OD
Cable
Chain
Bending
Radius
Bending
Cycles
4 x 2
2
PUR
-20°C ~ +70°C
6.9mm
Yes
70mm multiple turns
max. 1 million
AWG 26/7
0.14mm2
AWG 23/19
0.25mm2
Green
(+0.1)
Suitable for Y-ConPlug-21
Suitable for Y-ConPlug-11
Suitable for Y-ConPlug-21
Suitable for Y-ConPlug-41
Suitable for Y-ConPlug-51
Suitable for Y-ConPlug-15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com