Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080 Datasheet(PDF) 28 Page - Texas Instruments

Part # TNETX4080
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080 Datasheet(HTML) 28 Page - Texas Instruments

Back Button TNETX4080 Datasheet HTML 24Page - Texas Instruments TNETX4080 Datasheet HTML 25Page - Texas Instruments TNETX4080 Datasheet HTML 26Page - Texas Instruments TNETX4080 Datasheet HTML 27Page - Texas Instruments TNETX4080 Datasheet HTML 28Page - Texas Instruments TNETX4080 Datasheet HTML 29Page - Texas Instruments TNETX4080 Datasheet HTML 30Page - Texas Instruments TNETX4080 Datasheet HTML 31Page - Texas Instruments TNETX4080 Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
28
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
adaptive performance optimization (APO)
Each Ethernet MAC incorporates APO logic. This can be enabled on an individual port basis. When enabled,
the MAC uses transmission pacing to enhance performance (when connected on networks using other transmit
pacing-capable MACs). Adaptive performance pacing introduces delays into the normal transmission of
frames, delaying transmission attempts between stations, and reducing the probability of collisions occurring
during heavy traffic (as indicated by frame deferrals and collisions), thereby, increasing the chance of successful
transmission.
When a frame is deferred, suffers a single collision, multiple collisions, or excessive collisions, the pacing
counter is loaded with an initial value of 31. When a frame is transmitted successfully (without a deferral, single
collision, multiple collision, or excessive collision), the pacing counter is decremented by 1, down to 0.
With pacing enabled, a new frame is permitted to immediately [after one inter-packet gap (IPG)] attempt
transmission only if the pacing counter is 0. If the pacing counter is not 0, the frame is delayed by the pacing
delay (a delay of approximately four interframe gap delays).
NOTE:
APO affects only the IPG preceding the first attempt at transmitting a frame. It does not affect the
backoff algorithm for retransmitted frames.
interframe gap enforcement
The measurement reference for the interpacket gap of 96-bit times is changed, depending on frame traffic
conditions. If a frame is successfully transmitted (without collision), 96-bit times is measured from Mxx_TXEN.
If the frame suffered a collision, 96-bit times is measured from Mxx_CRS.
backoff
The device implements the IEEE Std 802.3 binary exponential backoff algorithm.
receive versus transmit priority
The queue manager prioritizes receive and transmit traffic as follows:
D Highest priority is given to frames that currently are being transmitted. This ensures that transmitting frames
do not underrun.
D Next priority is given to frames that are received if the free-buffer stack is not empty. This ensures that
received frames are not dropped unless it is impossible to receive them.
D Lowest priority is given to frames that are queued for transmission but have not yet started to transmit.
These frames are promoted to the highest priority only when there is spare capacity on the memory bus.
D The NM port receives the lowest priority to prevent frame loss during busy periods.
The memory bus has enough bandwidth to support the two highest priorities. The untransmitted frame queues
grow when frames received on different ports require transmission on the same port(s) and when frames are
repeatedly received on ports that are at a higher speed than the ports on which they are transmitted. This is likely
to be exacerbated by the reception of multicast frames, which typically require transmission on several ports.
When the backlog grows to such an extent that the free buffer stack is nearly empty, flow control is initiated (if
it has been enabled) to limit further frame reception.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com