Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080 Datasheet(PDF) 52 Page - Texas Instruments

Part # TNETX4080
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080 Datasheet(HTML) 52 Page - Texas Instruments

Back Button TNETX4080 Datasheet HTML 48Page - Texas Instruments TNETX4080 Datasheet HTML 49Page - Texas Instruments TNETX4080 Datasheet HTML 50Page - Texas Instruments TNETX4080 Datasheet HTML 51Page - Texas Instruments TNETX4080 Datasheet HTML 52Page - Texas Instruments TNETX4080 Datasheet HTML 53Page - Texas Instruments TNETX4080 Datasheet HTML 54Page - Texas Instruments TNETX4080 Datasheet HTML 55Page - Texas Instruments TNETX4080 Datasheet HTML 56Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
52
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
MII (ports 0–7)
Figures 11–13 show the timing for the eight MIIs operating at either 10-Mbit/s or 100-Mbit/s, and the GMII
operating at 100-Mbit/s.
Mxx_CRS and Mxx_COL are driven asynchronously by the PHY. Mxx_RXD3–Mxx_RXD0 is driven by the PHY
on the falling edge of Mxx_RCLK. Mxx_RXD3–Mxx_RXD0 timing must be met during clock periods in which
Mxx_RXDV is asserted. Mxx_RXDV is asserted and deasserted by the PHY on the falling edge of Mxx_RCLK.
Mxx_RXER is driven by the PHY on the falling edge of Mxx_RCLK.
MII receive (see Figure 11)
NO.
MIN
MAX
UNIT
1
tsu(Mxx_RXD)
Setup time, Mxx_RXD3–Mxx_RXD0 valid before Mxx_RCLK
↑
8
ns
1
tsu(Mxx_RXDV) Setup time, Mxx_RXDV valid before Mxx_RCLK↑
8
ns
1
tsu(Mxx_RXER) Setup time, Mxx_RXER valid before Mxx_RCLK↑
8
ns
2
th(Mxx_RXD)
Hold time, Mxx_RXD3–Mxx_RXD0 valid after Mxx_RCLK
↑
8
ns
2
th(Mxx_RXDV)
Hold time, Mxx_RXDV valid after Mxx_RCLK
↑
8
ns
2
th(Mxx_RXER)
Hold time, Mxx_RXER valid after Mxx_RCLK
↑
8
ns
Mxx_RXD3–Mxx_RXD0
Mxx_RXDV
Mxx_RXER
1
2
Mxx_RCLK
NOTE: For port 8, M08_RFCLK is used for the transmit clock input.
Figure 11. MII Receive
Mxx_CRS and Mxx_COL are driven asynchronously by the PHY. Mxx_TXD3–Mxx_TXD0 is driven by the
reconciliation sublayer synchronous to Mxx_TCLK. Mxx_TXEN is asserted and deasserted by the reconciliation
sublayer synchronous to the Mxx_TCLK rising edge. Mxx_TXER is driven synchronous to the rising edge of
Mxx_TCLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com