Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080 Datasheet(PDF) 32 Page - Texas Instruments

Part # TNETX4080
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080 Datasheet(HTML) 32 Page - Texas Instruments

Back Button TNETX4080 Datasheet HTML 28Page - Texas Instruments TNETX4080 Datasheet HTML 29Page - Texas Instruments TNETX4080 Datasheet HTML 30Page - Texas Instruments TNETX4080 Datasheet HTML 31Page - Texas Instruments TNETX4080 Datasheet HTML 32Page - Texas Instruments TNETX4080 Datasheet HTML 33Page - Texas Instruments TNETX4080 Datasheet HTML 34Page - Texas Instruments TNETX4080 Datasheet HTML 35Page - Texas Instruments TNETX4080 Datasheet HTML 36Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
32
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
EEPROM interface (continued)
After the initial start condition, a slave address containing a device address of 000 is output on EDIO, and then
EDIO is observed for an acknowledge from the EEPROM. If an acknowledge is received, operation continues
for the 24C02 EEPROM. If none is received, a stop condition is generated, followed by another start condition
and slave address, this time containing a device address of 100. If this receives no acknowledge, no EEPROM
is present, and device operation continues, using the current register settings (i.e., those following a hardware
reset, or those previously entered by software).
When this device is driving EDIO, it drives out only a strong logical 0. When a logical 1 is intended to be driven
out, the pin must be resistively pulled high. An on-chip 50-
µA current-source pullup device is provided on this
pin. The system designer must decide if this is sufficient to achieve a logical-1 level in a timely manner or if an
external supplementary resistor is required.
Multiple bus masters are not supported on the EEPROM interface because the ECLK pin always is driven by
the device with a strong 0/strong 1 (i.e., not a strong 1/resistively pulled-up 1).
An Ethernet CRC check is used to ensure the EEPROM data is valid. The 4-byte CRC should be placed within
the EEPROM in four data bytes immediately following the last byte to be loaded (equivalent to locations
0x00FC–0x00FF, just above SysControl). As each byte is loaded from the EEPROM, the bits within that byte
are entered into the CRC checker bit-wise, most significant bit first.
A valid CRC always must be provided by the EEPROM. The EEPROM data for the most significant bit of
SysControl is withheld until the CRC computed by the device has been checked against the one read from the
EEPROM. If the CRC is invalid:
D The reset bit is set to 1 in SysControl, load and initd are both 0, and the TNETX4080 does not begin
operation.
D The fault LED is illuminated and remains in that state until the TNETX4080 is hardware reset or until load
in SysControl is set to 1.
interaction of EEPROM load with the SIO register
The EDIO pin is shared with the SIO register edata bit. The edata and etxen bits must not both be set to 1 when
the load bit is set or the EDIO pin is held at resistive 1 and the EEPROM load fails.
The value of the eclk bit in SIO is don’t care when load is set, but to ensure the EEPROM does not see a glitch
on its clock signal, the load bit should not be set until the minimum clock high or low time required by the
EEPROM on its clock signal has expired since the eclk bit was last changed.
The SIO register is not loaded during the EEPROM download.
summary of EEPROM load outcomes
Table 8 summarizes the various states of register bits and the fault LED for each possible outcome following
an EEPROM load attempt.
Table 8. Summary of EEPROM Load Outcomes
OUTCOME
STOP
LOAD
INITD†
FAULT LED
ECLK
Successful load
0
0
1
0‡
Not locked
No EEPROM present
0
0
0
0‡
Locked
CRC error detected
1
0
0
1
Not locked
† Assuming the start bit was set to 1 by the EEPROM load
‡ Assuming the fault bit in LEDControl = 0 and no memory system parity error is detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com