Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080 Datasheet(PDF) 50 Page - Texas Instruments

Part # TNETX4080
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080 Datasheet(HTML) 50 Page - Texas Instruments

Back Button TNETX4080 Datasheet HTML 46Page - Texas Instruments TNETX4080 Datasheet HTML 47Page - Texas Instruments TNETX4080 Datasheet HTML 48Page - Texas Instruments TNETX4080 Datasheet HTML 49Page - Texas Instruments TNETX4080 Datasheet HTML 50Page - Texas Instruments TNETX4080 Datasheet HTML 51Page - Texas Instruments TNETX4080 Datasheet HTML 52Page - Texas Instruments TNETX4080 Datasheet HTML 53Page - Texas Instruments TNETX4080 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
50
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage range, VDD(2.5) (see Note 1)
–0.5 V to 2.7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VDD(3.3) (see Note 1)
–0.5 V to 3.6 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Supply voltage range, VDDa (see Note 1)
–0.5 V to 2.7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI
–0.5 V to VDD(3.3) + 0.4 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO
–0.5 V to VDD(3.3) + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range (RSL), VIR
VREF – 0.35 to VREF + 0.8
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range (RSL), VOR
0.0 to VDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Thermal impedance, junction-to-ambient package, ZθJA: Airflow = 0
11.11
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . .
Airflow = 100 ft/min
9.61
°C/W
. . . . . . . . . . . . . . . . .
Thermal impedance, junction-to-case package, ZθJC
0.94
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating case temperature range, TC
0
°C to 95°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods can affect device reliability.
NOTE 1: All voltage values are with respect to GND.
recommended operating conditions
MIN
NOM
MAX
UNIT
VDD(2.5)
Supply voltage
2.25
2.5
2.7
V
VDD(3.3)
Supply voltage
3
3.3
3.6
V
VREF
RSL reference voltage
1.8
2.0
2.2
V
VI
Input voltage
0
VDD(3.3)
V
VO
Output voltage
0
VDD(3.3)
V
VIH
High-level input voltage
2
VDD(3.3)
V
VIL
Low-level input voltage (see Note 2)
0
0.8
V
IOH
High-level output current
–2
mA
IOL
Low-level output current (except LED_DATA)
2
mA
IOL
LED_DATA (pin AE19)
0
8
mA
VIHR
High-level input voltage (RSL)
VREF+0.35
VREF+0.8
V
VILR
Low-level input voltage (RSL) (see Note 2)
VREF–0.35
VREF–0.8
V
IOHR
High-level output current (RSL)
–10
10
µA
IOLR
Low-level output current (RSL)
0
80
mA
NOTE 2: The algebraic convention, in which the more-negative (less-positive) limit is designated as a minimum, is used for logic-voltage levels
only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com