Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080GGP Datasheet(PDF) 36 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 36 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 32Page - Texas Instruments TNETX4080GGP Datasheet HTML 33Page - Texas Instruments TNETX4080GGP Datasheet HTML 34Page - Texas Instruments TNETX4080GGP Datasheet HTML 35Page - Texas Instruments TNETX4080GGP Datasheet HTML 36Page - Texas Instruments TNETX4080GGP Datasheet HTML 37Page - Texas Instruments TNETX4080GGP Datasheet HTML 38Page - Texas Instruments TNETX4080GGP Datasheet HTML 39Page - Texas Instruments TNETX4080GGP Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
36
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
IEEE Std 1149.1 (JTAG) interface
The TNETX4080 is fully IEEE Std 1149.1 compliant. It also includes on-chip pullup resistors on the five IEEE
Std 1149.1 (JTAG) pins to eliminate the need for external ones. The instructions that TI supports are:
D Mandatory (EXTEST, BYPASS, and SAMPLE/PRELOAD)
D Optional public (HIGHZ, IDCODE, and BIST)
D Private (various private instructions are used by TI for test purposes)
The opcodes for the various instructions (6-bit instruction register) are shown in Table 11.
Table 11. IEEE Std 1149.1 (JTAG) Instruction Opcodes
INSTRUCTION
TYPE
INSTRUCTION
NAME
IEEE Std 1149.1
(JTAG)
OPCODE
Mandatory
EXTEST
000000
Mandatory
SAMPLE/PRELOAD
000001
Optional
IDCODE
000100
Optional
HIGHZ
000101
Optional
RACBIST
000110
Private
TI testing
Others
Mandatory
BYPASS
111111
HIGHZ instruction
When selected, the HIGHZ instruction causes all outputs and bidirectional pins to become high impedance. All
pullup and pulldown resistors are disabled.
RACBIST instruction
The RACBIST instruction invokes a built-in self test of the RAC and the rambus channel. This tests the integrity
of the connection between the TNETX4080 and the external RDRAMs. When selected, the value of the test can
be read via JTAG DR SCAN. A 2-bit status value is reported (see Table 12).
Table 12. IEEE Std 1149.1 (JTAG) BIST Status
PASS
(BIT 1)
COMPLETE
(BIT 0)
When bit 0 = 1
*0
fail
*0 = BIST running
*0 = fail
*1 = pass
*1 = BIST complete
The IDCODE for the TNETX4080 is shown in Table 13.
Table 13. IEEE Std 1149.1 (JTAG) ID Code
VARIANT
PART NUMBER
MANUFACTURE
LEAST SIGNIFICANT BIT
BIT 31
BIT 28
BIT 27
BIT 12
BIT 11
BIT 1
BIT 0
0000
1011000111110111
00000010111
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com