Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080GGP Datasheet(PDF) 1 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 1 Page - Texas Instruments

  TNETX4080GGP Datasheet HTML 1Page - Texas Instruments TNETX4080GGP Datasheet HTML 2Page - Texas Instruments TNETX4080GGP Datasheet HTML 3Page - Texas Instruments TNETX4080GGP Datasheet HTML 4Page - Texas Instruments TNETX4080GGP Datasheet HTML 5Page - Texas Instruments TNETX4080GGP Datasheet HTML 6Page - Texas Instruments TNETX4080GGP Datasheet HTML 7Page - Texas Instruments TNETX4080GGP Datasheet HTML 8Page - Texas Instruments TNETX4080GGP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Single-Chip 100-Mbit/s Device
D Integrated Address-Lookup Engine and
Table Memory for 1-K Addresses
D Supports IEEE Std 802.1Q Virtual-LAN
(VLAN) Tagging Scheme
D Provides Data Path for Network
Management Information [No External
Media-Access Control (MAC) Required]
D Full-Duplex IEEE Std 802.3 Flow Control
D Half-Duplex Back-Pressure Flow Control
D Fully Nonblocking Architecture Using
High-Bandwidth Rambus Memory
D Port Trunking/Load Sharing for
High-Bandwidth Interswitch Links
D EEPROM Interface for Autoconfiguration
(No CPU Required for Nonmanaged Switch)
D Provides Direct Input/Output (DIO) Interface
for Configuration and Statistics Information
D Supports On-Chip Per-Port Storage for
Etherstat
™ and Remote Monitoring (RMON)
Management Information Bases (MIBs)
D Fabricated in 2.5-/3.3-V Low-Voltage
Technology
D Supports Spanning Tree
D Packaged in 352-Pin Ball Grid Array
Package
description
The TNETX4080 is an 8-port 100-Mbit/s nonblocking Ethernet
™ switch with an on-chip address-lookup engine.
The TNETX4080 provides a low-cost, high-performance switch solution. The TNETX4080 is a fully manageable
desktop switch solution achieved by combining the TNETX4080 with physical interfaces and high-bandwidth
rambus-based packet memory and a CPU. The TNETX4080 also provides an interface capable of receiving
and transmitting simple-network management protocol (SNMP) and bridge protocol data units (BPDU)
(spanning-tree) frames.
The TNETX4080 provides eight 10-/100-Mbit/s interfaces. In half-duplex mode, all ports support back-pressure
flow control to reduce the risk of data loss for a long burst of activity. In the full-duplex mode of operation, the
device uses IEEE Std 802.3 frame-based flow control. With full-duplex capability, ports 0–7 support 200-Mbit/s
aggregate bandwidth connections. The TNETX4080 also supports port trunking/load sharing on the
10-/100-Mbit ports. This can be used to group ports on interswitch links to increase the effective bandwidth
between the systems.
The internal address-lookup engine (IALE) supports up to 1-K unicast/multicast and broadcast addresses and
up to 16 IEEE Std 802.1Q VLANs. For interoperability, each port can be programmed as an access port or
non-access port to recognize VLAN tags and transmit frames with VLAN tags to other systems that support
VLAN tagging. The IALE performs destination- and source-address comparisons and forwards unknown
source- and destination-address packets to ports specified via programmable masks.
Statistics for the Etherstat, SNMP, and remote monitoring management information base (RMON MIB) are
independently collected for each of the eight ports. Access to the statistics counters is provided via the direct
input/output (DIO) interface. Management frames can be received and transmitted via the DIO interface,
creating a complete network management solution. Figure 1 is a block diagram of the TNETX4080.
Copyright
© 1998, Texas Instruments Incorporated
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
TI, ThunderSWITCH, and ThunderSWITCH II are trademarks of Texas Instruments Incorporated.
Ethernet and Etherstat are trademarks of Xerox Corporation.
Secure Fast Switching is a trademark of Cabletron Systems, Inc.
Port-trunking and load-sharing algorithms were contributed by Cabletron Systems, Inc. and are derived from, and compatible with, Secure Fast
Switching
™.


Similar Part No. - TNETX4080GGP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TNETX4090 TI1-TNETX4090 Datasheet
979Kb / 78P
ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
TNETX4090GGP TI1-TNETX4090GGP Datasheet
979Kb / 78P
ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
More results

Similar Description - TNETX4080GGP

ManufacturerPart #DatasheetDescription
logo
PMC-Sierra, Inc
PM3350 PMC-PM3350 Datasheet
39Kb / 2P
8-Port 10 Mbit/s Switch
PM3351 PMC-PM3351 Datasheet
32Kb / 2P
Single-Port 10/100 Mbit/s Ethernet Switch
logo
Texas Instruments
TNETX3100 TI1-TNETX3100 Datasheet
1Mb / 80P
ThunderSWITCHE 10-PORT 10-/100-MBIT/S ETHERNETE SWITCH
TNETX3110 TI1-TNETX3110 Datasheet
831Kb / 65P
ThunderSWITCHE 8/3 ETHERNETE SWITCH WITH EIGHT 10-MBIT/S PORTS AND THREE 10-/100-MBIT/S PORTS
TNETX3151 TI1-TNETX3151 Datasheet
833Kb / 65P
ThunderSWITCHE 12/3 ETHERNETE SWITCH WITH 12 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3190 TI1-TNETX3190 Datasheet
847Kb / 66P
ThunderSWITCHE 16/3 ETHERNETE SWITCH WITH 16 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX3270 TI1-TNETX3270 Datasheet
849Kb / 66P
ThunderSWITCHE 24/3 ETHERNETE SWITCH WITH 24 10-MBIT/S PORTS AND 3 10-/100-MBIT/S PORTS
TNETX4090 TI1-TNETX4090 Datasheet
979Kb / 78P
ThunderSWITCH IIE 9-PORT 100-/1000-MBIT/S ETHERNETE SWITCH
TNETX3150 TI1-TNETX3150 Datasheet
1Mb / 113P
ThunderSWITCHE 15-PORT 10-/100-MBIT/S ETHERNETE SWITCH
logo
PMC-Sierra, Inc
PM3350-1 PMC-PM3350-1 Datasheet
51Kb / 2P
8-Port 10 Mbit/s Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com