Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080GGP Datasheet(PDF) 60 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 60 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 56Page - Texas Instruments TNETX4080GGP Datasheet HTML 57Page - Texas Instruments TNETX4080GGP Datasheet HTML 58Page - Texas Instruments TNETX4080GGP Datasheet HTML 59Page - Texas Instruments TNETX4080GGP Datasheet HTML 60Page - Texas Instruments TNETX4080GGP Datasheet HTML 61Page - Texas Instruments TNETX4080GGP Datasheet HTML 62Page - Texas Instruments TNETX4080GGP Datasheet HTML 63Page - Texas Instruments TNETX4080GGP Datasheet HTML 64Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 60 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
60
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PARAMETER MEASUREMENT INFORMATION
20%
80%
80%
20%
47%
47%
VDD
0
Input
47%
tPLH
VOH
VOL
In-Phase
Output
tPHL
47%
47%
VOH
VOL
Out-of-Phase
Output
tPHL
47%
tPHL
Figure 23. Internal Push/Pull Output Propagation-Delay-Time Voltage Waveforms
20%
80%
80%
20%
47%
47%
VDD
0
CMOS-Level
Input
CMOS tPLH
VOH
VOL
LVCMOS/TTL
Output
CMOS tPHL
1.3 V
50%
1.3 V
50%
TTL tPLH
TTL tPHL
Figure 24. TTL Output Macro Propagation-Delay-Time Voltage Waveforms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com