Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETX4080GGP Datasheet(PDF) 55 Page - Texas Instruments

Part # TNETX4080GGP
Description  ThunderSWITCH IIE 8-PORT 10-/100-MBIT/S ETHERNETE SWITCH
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETX4080GGP Datasheet(HTML) 55 Page - Texas Instruments

Back Button TNETX4080GGP Datasheet HTML 51Page - Texas Instruments TNETX4080GGP Datasheet HTML 52Page - Texas Instruments TNETX4080GGP Datasheet HTML 53Page - Texas Instruments TNETX4080GGP Datasheet HTML 54Page - Texas Instruments TNETX4080GGP Datasheet HTML 55Page - Texas Instruments TNETX4080GGP Datasheet HTML 56Page - Texas Instruments TNETX4080GGP Datasheet HTML 57Page - Texas Instruments TNETX4080GGP Datasheet HTML 58Page - Texas Instruments TNETX4080GGP Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 64 page
background image
TNETX4080
ThunderSWITCH II™ 8-PORT 10-/100-MBIT/S ETHERNET™ SWITCH
SPWS050A – AUGUST 1998 – REVISED NOVEMBER 1998
55
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
DIO interface
The DIO interface is simple and asynchronous to allow easy adaptation to a range of microprocessor devices
and computer system interfaces.
DIO and DMA writes (see Figure 15)
NO.
MIN
MAX
UNIT
1
tw(SCS)
Pulse duration, SCS
↓
2tc
ns
2
tsu(SRNW)
Setup time, SRNW valid before SCS
↓
0
ns
3
tsu(SAD)
Setup time, SAD1–SAD0, SDMA valid before SCS
↓
0
ns
4
tsu(SDATA)
Setup time, SAD7–SAD0 valid before SCS
↓
0
ns
5
th(SRNW)
Hold time, SRNW low after SRDY
↓
0
ns
6
th(SAD)
Hold time, SAD1–SAD0, SDMA valid after SRDY
↓
0
ns
7
th(SDATA)
Hold time, SAD7–SAD0 valid after SRDY
↓
0
ns
8
th(SCSL)
Hold time, SCS low after SRDY
↓
0
ns
9
td(SRDYZH) Delay time from SCS↓ to SRDY↑
10
ns
10
td(SRDYHL)
Delay time from SCS
↓ to SRDY↓
2tc
†
ns
11
td(SRDYLH)
Delay time from SCS
↑ to SRDY↑
tc 2tc+10
ns
12
th(SCSH)
Hold time, SCS high after SRDY
↑
0
ns
13
tw(SRDY)
Pulse duration, SRDY
↑
tc
ns
† When the switch is performing certain internal operations (e.g., EEPROM load), there is a delay of up to 20 ms (24C02) or 800 ms (24C08)
between SCS being asserted and SRDY being asserted.
SCS
8
11
12
1
2
9
3
4
10
5
6
7
13
SRNW
SAD1–SAD0
SDMA
SDATA7–
SDATA0
SRDY
2tc+10
Figure 15. DIO and DMA Writes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com