Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF166 Datasheet(PDF) 49 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 49 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 42Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 43Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 44Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 45Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 46Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 47Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 48Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 49Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 50Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 49 / 50 page
background image
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
49
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
PACKAGING DIAGRAMS
48-PIN THIN SMALL OUTLINE PACKAGE (TSOP) 12MM X 20MM
SST PACKAGE CODE: EK
48.TSOP-EK-ILL.5
Note:
1. Complies with JEDEC publication 95 MO-142 DD dimensions, although some dimensions may be more stringent.
2. All linear dimensions are in millimeters (min/max).
3. Coplanarity: 0.1 (±.05) mm.
4. Maximum allowable mold flash is 0.15mm at the package ends, and 0.25mm between leads.
12.20
11.80
.270
.170
1.05
0.95
.50
BSC
0.15
0.05
18.50
18.30
20.20
19.80
0.70
0.50
Pin # 1 Identifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com