Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF166 Datasheet(PDF) 14 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 14 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 12Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 18Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
TABLE 14: CFI QUERY IDENTIFICATION STRING FOR E2 BANK
Address
Data
Data
10H
0051H
Query Unique ASCII string “QRY”
11H
0052H
12H
0059H
13H
0001H
Primary OEM command set (JEP-137)
14H
0009H
15H
0000H
Address for Primary Extended Table (00H = none exists)
16H
0000H
17H
0000H
Alternate OEM command set (00H = none exists)
18H
0000H
19H
0000H
Address for Alternate OEM extended Table (00H = none exits)
1AH
0000H
T14.1 327
TABLE 15: SYSTEM INTERFACE INFORMATION FOR E2 BANK
Address
Data
Data
1BH
0027H
VDD Min (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1CH
0036H
VDD Max (Program/Erase)
DQ7-DQ4: Volts, DQ3-DQ0: 100 millivolts
1DH
0000H
VPP min. (00H = no VPP pin)
1EH
0000H
VPP max. (00H = no VPP pin)
1FH
0005H
Typical time out for Word-Program 2N µs
20H
0000H
Typical time out for min. size Page-Write 2N µs (00H = not supported)
21H
0003H
Typical time out for individual Sector-Erase 2N ms
22H
0006H
Typical time out for Bank-Erase 2N ms
23H
0001H
Maximum time out for Word-Program 2N times typical
24H
0000H
Maximum time out for Page-Write 2N times typical (00H = not supported)
25H
0001H
Maximum time out for individual Sector-Erase 2N times typical
26H
0001H
Maximum time out for Chip-Erase 2N times typical
T15.7 327
TABLE 16: DEVICE GEOMETRY INFORMATION FOR E2 BANK
Address
Data
Data
27H
000DH
Device size = 2N Byte (DH > 213 = 8 KBytes = 64 Kbits)
28H
0001H
Flash Bank Device Interface description (Refer to CFI JESD-68) (x16 asynchronous)
29H
0000H
2AH
0001H
Maximum number of bytes in Page-Write = 2N (00H = not supported)
2BH
0000H
2CH
0001H
Number of Erase Block Regions within device
2DH
007FH
Erase Block Region 1 Information (Sector)
2EH
0000H
(Refer to the CFI specification or JESD-68)
2FH
0001H
y = 127 + 1 = 128 sectors (007FH = 127)
30H
0000H
z = 32 Bytes/sector = 1 x 256 Bytes
T16.4 327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com