Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF166 Datasheet(PDF) 17 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 17 Page - Silicon Storage Technology, Inc

Back Button SST38VF166 Datasheet HTML 13Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 14Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 15Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 16Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 17Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 18Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 19Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 20Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 21Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 50 page
background image
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
17
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
AC CHARACTERISTICS
TABLE 21: READ CYCLE TIMING PARAMETERS
Symbol
Parameter
SST38VF166-70
Units
Min
Max
TRC
Read Cycle Time
70
ns
TBE
Bank Enable Access Time
70
ns
TAA
Address Access Time
70
ns
TOE
Output Enable Access Time
30
ns
TCLZ1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
CE# Low to Active Output
0
ns
TOLZ1
OE# Low to Active Output
0
ns
TCHZ1
CE# High to High-Z Output
20
ns
TOHZ1
OE# High to High-Z Output
20
ns
TOH1
Output Hold from Address Change
0
ns
T21.1 327
TABLE 22: WRITE, ERASE, PROGRAM CYCLE TIMING PARAMETERS
Symbol
Parameter
Min
Max
Units
TWC
Word-Write Cycle (Erase and Program)
12.5
ms
TBPE
Word-Program Time - E2 Bank
40
µs
TBPF
Word-Program Time - Flash Bank
20
µs
TSEF
Sector-Erase Time - Flash Bank
25
ms
TLEF
Block-Erase Time - Flash Bank
25
ms
TBEF
Bank-Erase Time - Flash Bank
100
ms
TSEE
Sector-Erase Time - E2 Bank
12.5
ms
TBEE
Bank-Erase Time - E2 Bank
100
ms
TAS
Address Setup Time
0
ns
TAH
Address Hold Time
40
ns
TBES
BE# Setup Time
0
ns
TBEH
BE# Hold Time
0
ns
TOES
OE# High Setup Time
0
ns
TOEH
OE# High Hold Time
0
ns
TWP
Write Pulse Low Width
40
ns
TWPH
Write Pulse High Time
30
ns
TDS
Data Setup Time
40
ns
TDH
Data Hold Time
0
ns
TVDDR1
1. This parameter is measured only for initial qualification and after a design or process change that could affect this parameter.
VDD Rise Time
0.1
50
ms
TDBR
Time to DATA# Polling Read
35
ns
TTBR
Time to Toggle Bit Read
35
ns
TIDA
Time to ID or CFI Read/Exit Cycle
150
ns
TBS
Bank Enable Setup Time for Concurrent Operation
0
ns
T22.0 327



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com