Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST38VF166 Datasheet(PDF) 1 Page - Silicon Storage Technology, Inc

Part # SST38VF166
Description  16 Megabit FlashBank Memory
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST38VF166 Datasheet(HTML) 1 Page - Silicon Storage Technology, Inc

  SST38VF166 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST38VF166 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
©2001 Silicon Storage Technology, Inc.
327-3 2/01
S71065
1
The SST logo and SuperFlash are registered trademarks of Silicon Storage Technology, Inc.
FlashBank is a trademark of Silicon Storage Technology, Inc.
These specifications are subject to change without notice.
Data Sheet
16 Megabit FlashBank Memory
SST38VF166
FEATURES:
•
Single 2.7-3.6V Read and Write Operations
•
Separate Memory Banks for Code or Data
– Simultaneous Read and Write Capability
•
Superior Reliability
– Endurance:
E2 bank - 500,000 Cycles (typical)
Flash bank - 100,000 Cycles (typical)
– Greater than 100 years Data Retention
•
Low Power Consumption
– Active Current, Read: 15 mA (typical)
– Active Current, Concurrent Read while Write:
40 mA (typical)
– Standby Current: 3 µA (typical)
– Auto Low Power Mode Current: 3 µA (typical)
•
Fast Write Operation
– Flash Bank-Erase + Program: 8 sec (typical)
– Flash Block-Erase + Program: 500 ms (typical)
– Flash Sector-Erase + Program: 30 ms (typical)
– E2 bank Word-Write: 9 ms (typical)
•
Fixed Erase, Program, Write Times
– Remain constant after cycling
•
Read Access Time
– 70 ns
•
Latched Address and Data
•
End-of-Write Detection
– Toggle Bit
– Data# Polling
•
E2 Bank:
– Word-Write (Auto Erase before Program)
– Sector-Erase (32 Words) + Word-Program
(same as Flash bank)
•
Flash Bank: Two Small Erase Element Sizes
– 1 KWords per Sector or 32 KWords per Block
– Erase either element before Word-Program
•
CMOS I/O Compatibility
•
JEDEC Standard Command Set
•
Packages Available
– 48-Pin TSOP (12mm x 20mm)
•
Continuous Hardware and Software
Data Protection (SDP)
•
A One Time Programmable (OTP) E2 Sector
PRODUCT DESCRIPTION
The SST38VF166 consists of three memory banks, 2 each
512K x16 bits sector mode flash EEPROM plus a 4K x16
bits word alterable E2PROM manufactured with SST’s pro-
prietary, high performance SuperFlash Technology. The
SST38VF166 erases and programs with a single power
supply. The internal Erase/Program in the E2 bank is trans-
parent to the user. The device conforms to (proposed)
JEDEC standard pinouts for word-wide memories.
The SST38VF166 device is divided into three separate
memory banks, 2 each 512K x16 Flash banks and a 4K
x16 E2 bank. Each Flash bank is typically used for program
code storage and contains 512 sectors, each of 1 KWords
or 16 blocks, each of 32 KWords. The Flash banks may
also be used to store data. The E2 bank is typically used for
data or configuration storage and contains 128 sectors,
each of 32 words. Any bank may be used for executing
code while writing data to a different bank. Each memory
bank is controlled by separate Bank Enable (BE#) lines.
The SST38VF166 inherently uses less energy during
Erase, Program, and Write than alternative flash technolo-
gies. The total energy consumed is a function of the
applied voltage, current, and time of application. Since for
any given voltage range, the SuperFlash technology uses
less current to program and has a shorter Erase time, the
total energy consumed during any Erase, Program, or
Write operation is less than alternative flash technologies.
The Auto Low Power mode automatically reduces the
active read current to approximately the same as standby;
thus, providing an average read current of approximately 1
mA/MHz of Read cycle time.
The SuperFlash technology provides fixed Erase, Program,
and Write times, independent of the number of Erase/Pro-
gram cycles that have occurred. Therefore the system soft-
ware or hardware does not have to be modified or de-rated
as is necessary with alternative flash technologies, whose
Erase and Program times increase with accumulated
Erase/Program cycles.
Device Operation
The SST38VF166 operates as two independent 8-Megabit
Word-Program, Sector-Erase flash EEPROMs with the
additional functionality of a 64 Kbit word-alterable
E2PROM. All banks are superimposed in the same mem-
ory address space. All three memory banks share com-
mon address lines, I/O lines, WE#, and OE#. Memory
bank selection is by bank enable. BE#1 selects the first
SST38VF16616Mb (x16) FlashBank + 64Kb E2


Similar Part No. - SST38VF166

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401 MICROCHIP-SST38VF6401 Datasheet
7Mb / 66P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
Revision D Sept 2018
SST38VF6401-90-5C-B3KE MICROCHIP-SST38VF6401-90-5C-B3KE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401-90-5C-EKE MICROCHIP-SST38VF6401-90-5C-EKE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
SST38VF6401-90-5I-B3KE MICROCHIP-SST38VF6401-90-5I-B3KE Datasheet
793Kb / 64P
64 Mbit (x16) Advanced Multi-Purpose Flash Plus
08/15
More results

Similar Description - SST38VF166

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT52BR1672 ATMEL-AT52BR1672 Datasheet
366Kb / 39P
16-megabit Flash and 2-megabit/ 4-megabit SRAM Stack Memory
AT49BV160C ATMEL-AT49BV160C Datasheet
236Kb / 30P
16-megabit (1M x 16) 3-volt Only Flash Memory
logo
Sanyo Semicon Device
LE28DW1621T SANYO-LE28DW1621T Datasheet
347Kb / 20P
16 Megabit FlashBank Memory
LE28DW8102T SANYO-LE28DW8102T Datasheet
338Kb / 19P
8 Megabit FlashBank Memory LE28DW8102T
logo
ATMEL Corporation
AT52BR1664AT ATMEL-AT52BR1664AT Datasheet
296Kb / 35P
16-megabit Flash 4-megabit SRAM Stack Memory
logo
Sanyo Semicon Device
LE28BW168T SANYO-LE28BW168T Datasheet
340Kb / 20P
16 Megabit FlashBank Memory
logo
ATMEL Corporation
AT49BV160S ATMEL-AT49BV160S Datasheet
159Kb / 5P
16-megabit(1M x 16) Secure 3-volt Only Memory
AT49SV163D ATMEL-AT49SV163D Datasheet
463Kb / 30P
16-megabit 1M x 16) 1.8-volt Only Flash Memory
logo
Eon Silicon Solution In...
EN25D16 EON-EN25D16 Datasheet
483Kb / 37P
16 Megabit Serial Flash Memory
EN25T16A EON-EN25T16A Datasheet
681Kb / 35P
16 Megabit Uniform Sector, Serial Flash Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com