Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM016 Datasheet(PDF) 32 Page - Silicon Storage Technology, Inc

Part # SST58LM016
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM016 Datasheet(HTML) 32 Page - Silicon Storage Technology, Inc

Back Button SST58LM016 Datasheet HTML 28Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 29Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 30Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 31Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 36Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 40 page
background image
32
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
3.2.1.21 Write Long Sector - 32H or 33H
This command is similar to the Write Sector(s) command except that it writes 516 Bytes instead of 512
Bytes. Only single sector Write Long operations are supported. The transfer consists of 512 Bytes of
data transferred in Word-Mode followed by 4 Bytes of ECC transferred in Byte-Mode. Because of the
unique nature of the solid-state ADM, the 4 Bytes of ECC transferred by the host may be used by the
ADM. The ADM may discard these 4 Bytes and write the sector with valid ECC data. This command
has the same protocol as the Write Sector(s) command. Use of this command is not recommended.
3.2.1.22 Write Multiple Command - C5H
Note: The current revision of the SST ADM can support up to a block count of 1 as indicated in the Identify Drive Command
information.
This command is similar to the Write Sectors command. The ADM sets BSY within 400 ns of accepting
the command. Interrupts are not presented on each sector but on the transfer of a block which contains
the number of sectors defined by Set Multiple. Command execution is identical to the Write Sectors
operation except that the number of sectors defined by the Set Multiple command is transferred without
intervening interrupts.
DRQ qualification of the transfer is required only at the start of the data block, not on each sector. The
block count of sectors to be transferred without intervening interrupts is programmed by the Set Multiple
Mode command, which must be executed prior to the Write Multiple command.
When the Write Multiple command is issued, the Sector Count Register contains the number of sectors
(not the number of blocks or the block count) requested. If the number of requested sectors is not
evenly divisible by the sector/block, as many full blocks as possible are transferred, followed by a final,
partial block transfer. The partial block transfer is for n sectors, where:
n = remainder (sector count/block count)
If the Write Multiple command is attempted before the Set Multiple Mode command has been executed
or when Write Multiple commands are disabled, the Write Multiple operation will be rejected with an
aborted command error.
Bit ->
76
54
32
10
Command (7)
32H or 33H
C/D/H (6)
1
LBA
1
Drive
Head (LBA 27-24)
Cyl High (5)
Cylinder High (LBA 23-16)
Cyl Low (4)
Cylinder Low (LBA 15-8)
Sec Num (3)
Sector Number (LBA 7-0)
Sec Cnt (2)
X
Feature (1)
X
Bit ->
76
54
32
10
Command (7)
C5H
C/D/H (6)
X
LBA
X
Drive
Head
Cyl High (5)
Cylinder High
Cyl Low (4)
Cylinder Low
Sec Num (3)
Sector Number
Sec Cnt (2)
Sector Count
Feature (1)
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com