Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM016 Datasheet(PDF) 36 Page - Silicon Storage Technology, Inc

Part # SST58LM016
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM016 Datasheet(HTML) 36 Page - Silicon Storage Technology, Inc

Back Button SST58LM016 Datasheet HTML 32Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 33Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 34Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 35Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 36Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 37Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 38Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 39Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 40Page - Silicon Storage Technology, Inc  
Zoom Inzoom in Zoom Outzoom out
 36 / 40 page
background image
36
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
5.0 PHYSICAL DIMENSIONS
40-PIN FEMALE RIGHT ANGLE CONNECTOR
SST PACKAGE CODE: FRI
40-PIN FEMALE STRAIGHT CONNECTOR
SST PACKAGE CODE: FSI
4.5
5.34
1.0
6.0
7.52
51.0
25.5
∅3.2
26.0
3.5
40-fem-right-angle.2
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified
8.5
1.0
5.34
4.5
6.0
8.5
51.0
24.0
40-fem-straight-conn.2
Note:
All units are in mm
Tolerance: ±0.2 mm unless otherwise specified



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com