Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM016 Datasheet(PDF) 7 Page - Silicon Storage Technology, Inc

Part # SST58LM016
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM016 Datasheet(HTML) 7 Page - Silicon Storage Technology, Inc

Back Button SST58LM016 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 11Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 40 page
background image
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
7
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
TABLE
2-1: 44-PIN PIN ASSIGNMENT
Pin No.
Signal Name
Pin Type
I/O Type1
1
RESET#
I
I4U
2
GND
Ground
3
D7
I/O
I2D, O2
4
D8
I/O
I2D, O2
5
D6
I/O
I2D, O2
6
D9
I/O
I2D, O2
7
D5
I/O
I2D, O2
8
D10
I/O
I2D, O2
9
D4
I/O
I2D, O2
10
D11
I/O
I2D, O2
11
D3
I/O
I2D, O2
12
D12
I/O
I2D, O2
13
D2
I/O
I2D, O2
14
D13
I/O
I2D, O2
15
D1
I/O
I2D, O2
16
D14
I/O
I2D, O2
17
D0
I/O
I2D, O2
18
D15
I/O
I2D, O2
19
GND
Ground
20
NC
21
NC
22
GND
Ground
23
IOWR#
I
I3U
24
GND
Ground
25
IORD#
I
I3U
26
GND
Ground
27
NC
28
NC2
29
NC
30
NC/WP#3
I2U
31
INTRQ
O
O1
32
IOCS16#
O
O2
33
A1
I
I2D
34
PDIAG#
I/O
I2U, O1
35
A0
I
I2D
36
A2
I
I2D
37
CS1FX#
I
I3U
38
CS3FX#
I
I3U
39
DASP#
I/O
I2U, O1
40
GND
Ground
41
VDD
Power
42
VDD
Power
43
GND
Ground
44
NC
T2-1.6 519
1. Please refer to Sections 2.3.1 to 2.3.4 for detail
2. Pin 28 is CSEL in standard host 40-pin IDE interface. Master/
Slave setting is selected through an on-board jumper.
3. Pin 30 is jumper selectable as NC or WP#.
TABLE
2-2: 40-PIN PIN ASSIGNMENT
Pin No.
Signal Name
Pin Type
I/O Type1
1
RESET#
I
I4U
2
GND
Ground
3
D7
I/O
I2D, O2
4
D8
I/O
I2D, O2
5
D6
I/O
I2D, O2
6
D9
I/O
I2D, O2
7
D5
I/O
I2D, O2
8
D10
I/O
I2D, O2
9
D4
I/O
I2D, O2
10
D11
I/O
I2D, O2
11
D3
I/O
I2D, O2
12
D12
I/O
I2D, O2
13
D2
I/O
I2D, O2
14
D13
I/O
I2D, O2
15
D1
I/O
I2D, O2
16
D14
I/O
I2D, O2
17
D0
I/O
I2D, O2
18
D15
I/O
I2D, O2
19
GND
Ground
20
VDD2
Power
21
NC
22
GND
Ground
23
IOWR#
I
I3U
24
GND
Ground
25
IORD#
I
I3U
26
GND
Ground
27
NC
28
NC3
29
NC
30
NC/WP#4
I2U
31
INTRQ
O
O1
32
IOCS16#
O
O2
33
A1
I
I2D
34
PDIAG#
I/O
I2U, O1
35
A0
I
I2D
36
A2
I
I2D
37
CS1FX#
I
I3U
38
CS3FX#
I
I3U
39
DASP#
I/O
I2U, O1
40
GND
Ground
T2-2.6 519
1. Please refer to Sections 2.3.1 to 2.3.4 for detail.
2. Optional, not available in standard host 40-pin IDE interface.
3. Pin 28 is CSEL in standard host 40-pin IDE interface. Master/
Slave setting is selected through an on-board jumper.
4. Pin 30 is jumper selectable as NC or WP#.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com