Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST58LM016 Datasheet(PDF) 8 Page - Silicon Storage Technology, Inc

Part # SST58LM016
Description  ATA-Disk Module
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST58LM016 Datasheet(HTML) 8 Page - Silicon Storage Technology, Inc

Back Button SST58LM016 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 9Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 10Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 11Page - Silicon Storage Technology, Inc SST58LM016 Datasheet HTML 12Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 40 page
background image
8
Advance Information
ATA-Disk Module
SST58SM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
SST58LM008 / 016 / 024 / 032 / 048 / 064 / 096 / 128 / 192
©2001 Silicon Storage Technology, Inc.
S71193-01-000
9/01
519
For the 40-pin ATA-Disk Module, power can be supplied either through the pin 20 (not present on standard 40-pin
IDE interface) or through the external power connector provided on the 40-pin ADM. Please see the drawings in
“Physical Dimensions” on page 36 for information.
FIGURE
2-1: PIN 30 CONFIGURATION
TABLE
2-3: SIGNAL DESCRIPTION
Symbol
Type1
Pin
Name and Functions
A2 - A0
I
33,34,35
A[2:0] are used to select one of the Task File registers.
D15 - D0
I/O
18,16,14,12,10,
8,6,4,3,5,7,9,11,
13,15,17
Data bus
CS1FX#, CS3FX#
I
37,38
CS1FX# is the chip select for the task file registers while CS3FX# is used to
select the Alternate Status Register and the Device Control Register.
CSEL
-
28
CSEL signal is a NC to the motherboard. The Master/Slave selection is set by a
jumper. If the jumper is in a Master position, the ADM is addressed as a Master
drive, and if the jumper is in a Slave position, the ADM is addressed as a Slave
drive.
IORD#
I
25
This is an I/O Read strobe generated by the host. This signal gates I/O data
onto the bus from the chip.
IOWR#
I
23
The I/O Write strobe pulse is used to clock I/O data into the chip.
IOCS16#
O
32
This output signal is asserted low when this device is expecting a word data
transfer cycle.
INTRQ
O
31
Signal is the active high Interrupt Request to the host.
PDIAG#
I/O
34
This input/output is the Pass Diagnostic signal in the Master/Slave hand-
shake protocol.
DASP#
I/O
39
This input/output is the Disk Active/Slave present signal in the Master/Slave
handshake protocol.
RESET#
I
1
This input pin is the active low hardware reset from the host.
GND
-
2,19,22,24,26,
30,40,432
Ground
WP#3
I
30
Write protect pin is used to disable Write operation. The 3-position jumper can set
pin 30 as NC, write protected (by connecting to GND), or host selectable (by con-
necting to pin 30 of IDE connector). When the signal on this pin is low, data on the
chip will be write-protected. (See Figure 2-1)
VDD
-204, 412, 422
Power
T2-3.6 519
1. Please refer to Sections 2.3.1 to 2.3.4 for detail
2. Only available with the 44-pin connector module
3. Pin 30 is jumper selectable as NC or WP#
4. Only available with the 40-pin connector module
519 ILL2-5.1
ATA Controller
Flash
Memory
2
31
Pin 30
WP# Jumper
ATA-Disk Module
WP# Jumper ATA-Disk Module
No Jumper
NC, Module is NOT write protected.
Close 1, 2
Connect to Ground,
Module is write protected
Close 2, 3
Host Selectable,
Module is write protected if pin 30 is low.
Module is NOT write protected if pin 30
is high.
T2-3.0 519



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com