Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2PCIE412RUAR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412RUAR
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412RUAR Datasheet(HTML) 4 Page - Texas Instruments

  TS2PCIE412RUAR Datasheet HTML 1Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 2Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 3Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 4Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 5Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 6Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 7Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 8Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
TS2PCIE412
SCDS269C – MARCH 2009 – REVISED APRIL 2010
www.ti.com
ELECTRICAL CHARACTERISTICS FOR 1.8-V SUPPLY
(1)
VDD = 1.5 V to 2.0 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(2)
MAX
UNIT
VIK
SEL
VDD = 2.0 V,
IIN = –18 mA
–0.7
–1.3
V
IIH
SEL
VDD = 2.0 V,
VIN = VDD
±1
mA
IIL
SEL
VDD =2.0 V,
VIN = GND
±1
mA
Ioff
VDD = 0,
VO = 0 to 2 V,
VI = 0
1
mA
ICC
VDD = 2.0 V,
II/O = 0,
Switch ON or OFF
200
400
mA
CIN
SEL
f = 10 MHz, VIN = 0 V
1
pF
COFF
B port
VI = 0 V, f = 10 MHz,
Outputs open,
Switch OFF
1.5
1.5
pF
CON
VI = 0 V, f = 10 MHz,
Outputs open,
Switch ON
4.5
4.5
pF
rON
VDD = 1.8 V,
GND
≤ VI ≤ VDD,
IO = –40 mA
12
18
rON(flat)
VDD = 1.8 V,
VI = 1.65 to 1.8 V,
IO = –40 mA
0.5
(3)
ΔrON
(4)
VDD = 1.8 V,
GND
≤ VI ≤ VDD,
IO = –40 mA
0.2
0.8
Dynamic
RL = 100 Ω, f = 10 MHz
–81
XTALK
See Figure 9
dB
RL = 100 Ω, f = 1.25 GHz
–32
RL = 100 Ω, f = 10 MHz
–74
OIRR
See Figure 10
dB
RL = 100 Ω, f = 1.25 GHz
–36
BW
RL = 50 Ω,
See Figure 8
2.1
GHz
Max data rate
RL = 50 Ω,
See Figure 8
4.2
Gbps
(1)
VI, VO, II, and IO refer to I/O pins. VIN refers to the control inputs.
(2)
All typical values are at VDD = 1.8 V (unless otherwise noted), TA = 25°C.
(3)
rON(flat) is the difference of rON in a given channel at specific voltages.
(4)
ΔrON is the difference of ron from center ports to any other port.
SWITCHING CHARACTERISTICS
over recommended operating free-air temperature range, VDD = 1.5 V to 2.0 V, RL = 200 Ω, CL = 10 pF
(unless otherwise noted)
FROM
TO
PARAMETER
MIN
TYP(1)
MAX
UNIT
(INPUT)
(OUTPUT)
tpd
(2) (3)
An or nBn
nBn or An
0.28
ns
tPZH, tPZL
SEL
An or nBn
7.8
9
ns
tPHZ, tPLZ
SEL
An or nBn
2.5
4
ns
tsk(O)
(4)
An or nBn
nBn or An
0.06
0.1
ns
tsk(p)
(5) (6)
0.06
0.1
ns
(1)
All typical values are at VDD = 1.8 V (unless otherwise noted) TA = 25°C.
(2)
The propagation delay is the calculated RC time constant of the typical ON-state resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(3)
See Figure 6
(4)
Output skew between center port to any other port
(5)
Skew between opposite transitions of the same output in a given device
tPHL – tPLH
(6)
See Figure 7
4
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com