Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2PCIE412RUAR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412RUAR
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412RUAR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS2PCIE412RUAR Datasheet HTML 2Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 3Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 4Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 5Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 6Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 7Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 8Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 9Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
-100
-90
-80
-70
-60
-50
-40
-30
1
10
100
1000
10000
Frequency (MHz)
-20
X
at 1.25 G z: –31.9 d
TALK
H
B
X
at 10 M z: –80.4 d
TALK
H
B
TS2PCIE412
SCDS269C – MARCH 2009 – REVISED APRIL 2010
www.ti.com
TYPICAL PERFORMANCE (continued)
Figure 3. Crosstalk vs Frequency
Eye Diagrams
10-inch trace board for real implementation, VDD = 1.8 V, f = 1.25 GHz, transitional signal and non-transitional signal eye from
Tektronix TDS6154C and Tektronix RT-Eye
= software
Figure 4. Transitional Signal Eye for TS2PCIE412 Using a 10-inch Trace
6
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com