Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2PCIE412RUAR Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412RUAR
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412RUAR Datasheet(HTML) 12 Page - Texas Instruments

Back Button TS2PCIE412RUAR Datasheet HTML 8Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 9Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 10Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 11Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 12Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 13Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 14Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 15Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
Network Analyzer
(HP8753ES)
RL = 50 Ω
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
0B2
A1
1B1
1B2
TS2PCIE412
SCDS269C – MARCH 2009 – REVISED APRIL 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION (continued)
Figure 10. Test Circuit for Off Isolation (OIRR)
OFF isolation is measured at the output of the OFF channel. For example, when VSEL = 0 V and A1 is the input,
the output is measured at 1B2. All unused analog input (A) ports are left open, and output (B) ports are
connected to GND through 50-
Ω pulldown resistors.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
12
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com