Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2PCIE412RUAR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # TS2PCIE412RUAR
Description  4-CHANNEL 8:16 MULTIPLEXER/DEMULTIPLEXER PCI EXPRESS SWITCH
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS2PCIE412RUAR Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS2PCIE412RUAR Datasheet HTML 6Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 7Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 8Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 9Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 10Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 11Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 12Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 13Page - Texas Instruments TS2PCIE412RUAR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
Network Analyzer
(HP8753ES)
EXT TRIGGER
BIAS
P1
P2
DUT
A0
SEL
0B1
VSEL
VCC
VBIAS
TS2PCIE412
SCDS269C – MARCH 2009 – REVISED APRIL 2010
www.ti.com
PARAMETER MEASUREMENT INFORMATION
Figure 8. Test Circuit for Frequency Response (BW)
Frequency response is measured at the output of the ON channel. For example, when VSEL = 0 V and A0 is the
input, the output is measured at 0B1. All unused analog I/O ports are left open.
HP8753ES Setup
Average = 4
RBW = 3 kHz
VBIAS = 0.35 V
ST = 2 s
P1 = 0 dBM
10
Submit Documentation Feedback
Copyright © 2009–2010, Texas Instruments Incorporated
Product Folder Link(s): TS2PCIE412



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com