Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4883 Datasheet(PDF) 3 Page - OSRAM GmbH

Part # SFH4883
Description  IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4883 Datasheet(HTML) 3 Page - OSRAM GmbH

  SFH4883 Datasheet HTML 1Page - OSRAM GmbH SFH4883 Datasheet HTML 2Page - OSRAM GmbH SFH4883 Datasheet HTML 3Page - OSRAM GmbH SFH4883 Datasheet HTML 4Page - OSRAM GmbH SFH4883 Datasheet HTML 5Page - OSRAM GmbH SFH4883 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
SFH 4881, SFH 4883
2008-02-25
3
Schaltzeiten, I
e von 10% auf 90% und
von 90% auf 10%
Switching times, I
e from 10% to 90% and
from 90% to 10%
I
F = 100 mA, RL = 50 Ω
t
r, tf
500
ns
Kapazität
Capacitance
V
R = 0 V, f = 1 MHz
C
o
25
pF
Durchla
βspannung
Forward voltage
I
F = 100 mA, tp = 20 ms
I
F = 1 A, tp = 100 µs
I
F = 1.5 A, tp = 100 µs
V
F
V
F
V
F
1.5
(≤ 1.8)
2.4
(≤ 3.0)
2.9
(≤ 3.4)
V
V
V
Sperrstrom
Reverse current
V
R = 5 V
I
R
0.01 (
≤ 10)
µA
Gesamtstrahlungsfluß
Total radiant flux
I
F = 100 mA, tp = 20 ms
SFH 4881
SFH 4883
Φ
e
Φ
e
12
15
mW
mW
Strahlstärke I
e in Achsrichtung
gemessen bei einem Raumwinkel von
Ω = 0.01 sr
Radiant Intensity I
e in Axial Direction
measured at a solid angle of
Ω = 0.01 sr
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
SFH 4881
SFH 4883
Strahlstärke
Radiant intensity
I
F = 100 mA, tp = 20 ms
I
e min
I
e typ
40
72
4
8
mW/sr
mW/sr
Strahlstärke
Radiant intensity
I
F = 1 A, tp = 100 µs
I
e typ
630
70
mW/sr
Kennwerte (
T
A = 25 °C) (cont’d)
Characteristics
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com