Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4883 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # SFH4883
Description  IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4883 Datasheet(HTML) 1 Page - OSRAM GmbH

  SFH4883 Datasheet HTML 1Page - OSRAM GmbH SFH4883 Datasheet HTML 2Page - OSRAM GmbH SFH4883 Datasheet HTML 3Page - OSRAM GmbH SFH4883 Datasheet HTML 4Page - OSRAM GmbH SFH4883 Datasheet HTML 5Page - OSRAM GmbH SFH4883 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SFH 4881
SFH 4883
IR-Lumineszenzdiode (880 nm) im TO-46-Gehäuse
Infrared Emitter (880 nm) in TO-46 Package
Lead (Pb) Free Product - RoHS Compliant
2008-02-25
1
SFH 4881
SFH 4883
Wesentliche Merkmale
• Hergestellt im Schmelzepitaxieverfahren
• Anode galvanisch mit dem Gehäuseboden
verbunden
• Hohe Zuverlässigkeit
• Gute spektrale Anpassung an
Si-Fotoempfänger
• Hermetisch dichtes Metallgehäuse
Anwendungen
• Lichtschranken für Gleich- und
Wechsellichtbetrieb
• IR-Gerätefernsteuerungen
• Sensorik
Typ
Type
Bestellnummer
Ordering Code
Strahlstärke (
I
F = 100 mA, tp = 20 ms)
Radiant Intensity
)
I
e (mW/sr)
SFH 4881
Q62702P5302
≥ 40 (typ. 72)
SFH 4883
Q62702P5303
≥ 4 (typ. 8)
Features
• Fabricated in a liquid phase epitaxy process
• Anode is electrically connected to the case
• High reliability
• Matches all Si-Photodetectors
• Hermetically sealed package
Applications
• Photointerrupters
• IR remote control
• Sensor technology


Similar Part No. - SFH4883

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH488425 SIEMENS-SFH488425 Datasheet
78Kb / 4P
Pulsed Laser Diode in Plastic Package 10 W Peak Class 3 Laser Product
More results

Similar Description - SFH4883

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SFH486 SIEMENS-SFH486 Datasheet
38Kb / 4P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
SFH487P SIEMENS-SFH487P Datasheet
38Kb / 5P
GaAIAs-IR-Lumineszenzdiode 880 nm GaAIAs Infrared Emitter 880 nm
logo
OSRAM GmbH
SFH7221 OSRAM-SFH7221 Datasheet
84Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH486 OSRAM-SFH486 Datasheet
143Kb / 8P
GaAlAs-IR-Lumineszenzdiode (880 nm)
SFH487P OSRAM-SFH487P Datasheet
141Kb / 8P
GaAIAs-IR-Lumineszenzdiode (880 nm)
SFH4580 OSRAM-SFH4580_12 Datasheet
159Kb / 9P
GaAlAs-IR-Lumineszenzdioden (880 nm) in SMR짰 Geh채use
SFH4680 OSRAM-SFH4680 Datasheet
173Kb / 8P
Engwinklige LED im MIDLED-Geh채use (880 nm)
SFH7221 OSRAM-SFH7221_12 Datasheet
164Kb / 10P
GaAlAs-IR-Lumineszenzdiode (880 nm) und Si-Fototransistor
SFH-4301 OSRAM-SFH-4301 Datasheet
83Kb / 6P
Schnelle IR-Lumineszenzdiode (950 nm) im 3 mm Radial-Geh채use
SFH-4501 OSRAM-SFH-4501 Datasheet
106Kb / 9P
Schnelle IR-Lumineszenzdiode (950 nm) im 5 mm Radial-Geh채use
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com