Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4883 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH4883
Description  IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4883 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH4883 Datasheet HTML 1Page - OSRAM GmbH SFH4883 Datasheet HTML 2Page - OSRAM GmbH SFH4883 Datasheet HTML 3Page - OSRAM GmbH SFH4883 Datasheet HTML 4Page - OSRAM GmbH SFH4883 Datasheet HTML 5Page - OSRAM GmbH SFH4883 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SFH 4881, SFH 4883
2008-02-25
4
Relative Spectral Emission
I
erel = f (λ)
Forward Current
I
F = f (VF)
Permissible Pulse Handling
Capability
I
F = f (τ), TC = 25 °C,
R
thJC = 160 K/W,duty cycle D =
parameter
0
750
Ι
erel
OHR01171
800
850
900
950 nm 1000
20
40
60
80
%
100
λ
10
OHR01173
F
V
-3
-2
10
-1
10
0
10
1
10
0
A
Ι
F
1
2
3
4
5
10
10
0
-2
-3
-4
-5
10
10
10
F
I
A
P
t
=
D
T
2
1
0
-1 10
tp
10 s 10
OHF03756
T
t
P
I
F
0.02
0.3
0.2
0.05
0.1
D =
0.005
0.01
0.5
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.6
1
Radiant Intensity
I
e/Ie (100 mA) = f (IF)
Radiation Characteristics
SFH 4881, I
erel = f (ϕ)
Radiation Characteristics
SFH 4883, I
erel = f (ϕ)
10
OHR01172
Ιe (100 mA)
F
Ι
-3
-2
10
-1
10
0
10
1
10
2
10
0
10
10
1
10
2
10
4
mA
e
Ι
3
10
OHR01178
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
OHR01186
0˚
20˚
40˚
60˚
80˚
100˚
120˚
0.4
0.6
0.8
1.0
100˚
90˚
80˚
70˚
60˚
50˚
0˚
10˚
20˚
30˚
40˚
0
0.2
0.4
0.6
0.8
1.0
ϕ
Max. Permissible Forward Current
I
F = f (TA, TC)
40
20
0
0
100
80
60
˚C
T
I
F
mA
OHF03900
A
thJC
R
= 160 K/W
40
80
120
160
200
240
,
T
C
= 450 K/W
thJA
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com