Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFH4883 Datasheet(PDF) 5 Page - OSRAM GmbH

Part # SFH4883
Description  IR-Lumineszenzdiode (880 nm) im TO-46-Geh채use
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH4883 Datasheet(HTML) 5 Page - OSRAM GmbH

  SFH4883 Datasheet HTML 1Page - OSRAM GmbH SFH4883 Datasheet HTML 2Page - OSRAM GmbH SFH4883 Datasheet HTML 3Page - OSRAM GmbH SFH4883 Datasheet HTML 4Page - OSRAM GmbH SFH4883 Datasheet HTML 5Page - OSRAM GmbH SFH4883 Datasheet HTML 6Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SFH 4881, SFH 4883
2008-02-25
5
Maßzeichnungen
Package Outlines
Maße in mm (inch) / Dimensions in mm (inch).
Gehäuse
Package
TO-46-Metallgehäuse, Glaslinse, hermetisch dicht, Anschlüsse im
2.54-mm-Raster (
1/
10’’)
TO-46-metal-package, glass lens, hermetically sealed, solder tabs lead
spacing 2.54 mm (
1/
10’’)
Anschlussbelegung
Pin configuration
Anschluss 2: Kathode
Pin 2 : cathode
ø5.6 (0.220)
6.2 (0.244)
5.4 (0.213)
5.2 (0.205)
4.9 (0.193)
20 (0.787)
18 (0.709)
GEMY6049
Chip position (1.1 (0.043))
ø5.3 (0.209)
0.9
(0.035)
1.1
(0.043)
1.1
(0.043)
0.9
(0.035)
0.35 (0.014) max.
1
2
SFH 4881
3.8 (0.150)
3.5 (0.138)
GEMY6050
Chip position (1.1 (0.043))
0.35 (0.014) max.
20 (0.787)
18 (0.709)
ø5.6 (0.220)
ø5.3 (0.209)
1
2
SFH 4883



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com