Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CPWR Datasheet(PDF) 16 Page - Texas Instruments

Part # TLC876CPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CPWR Datasheet(HTML) 16 Page - Texas Instruments

Back Button TLC876CPWR Datasheet HTML 12Page - Texas Instruments TLC876CPWR Datasheet HTML 13Page - Texas Instruments TLC876CPWR Datasheet HTML 14Page - Texas Instruments TLC876CPWR Datasheet HTML 15Page - Texas Instruments TLC876CPWR Datasheet HTML 16Page - Texas Instruments TLC876CPWR Datasheet HTML 17Page - Texas Instruments TLC876CPWR Datasheet HTML 18Page - Texas Instruments TLC876CPWR Datasheet HTML 19Page - Texas Instruments TLC876CPWR Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
16
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
dc considerations (continued)
The REFTS and REFBS terminals should not be connected in configurations that do not use a force-sense
reference. Connecting the force and sense lines together allows current to flow in the sense lines. Any current
allowed to flow through these lines must be negligibly small. Current flow causes voltage drops across the
resistance in the sense lines. Because the internal DACs tap different points along the sense lines, each DAC
would receive a slightly different reference voltage if current were flowing in these lines. To avoid this undesirable
condition, leave the sense lines unconnected. Any current allowed to flow through these lines must be negligibly
small (< 100
µA).
The voltage drop across the internal resistor array (RARRAY) determines the input span. The nominal differential
voltage is 2 Vpp. The full-scale input span is given by equation 3.
Input Voltage Span = V(REFTS) – V(REFBS)
(3)
Therefore, a full-scale input span is approximately 2 V when [V(REFTS) – V(REFBS)] = 2 V. The external
reference must provide approximately 4 mA for a 2-V drop across the internal resistor array.
Figure 18 shows the flexibility in determining both the full-scale span of the analog input and where to center
this voltage without degrading the typical performance.
2.5
2
0.5
0
0
0.5
1
1.5
2
2.5
3
3.5
4.5
REFBF, REFBS
5
3.5
4
1.5
4
3
1
2 V Span
1 V Span
Figure 18. TLC876 Reference Ranges
ac considerations
The simplified diagram of Figure 17 shows that the reference terminals connect to a capacitor for one half of
the clock period. The size of the capacitor is a function of the analog input voltage, therefore producing dynamic
impedance changes at the reference inputs.
The external reference source must be able to maintain a low impedance over all frequencies of interest to
provide the charge required by the capacitance. By supplying the requisite charge, the reference voltages
remain relatively constant maintaining specified performance. For some reference configurations, voltage
transients are present on the reference lines, especially during the falling edge of CLK. The reference must
recover from the transients and settle to the desired level of accuracy prior to the rising edges of CLK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com