Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CPWR Datasheet(PDF) 4 Page - Texas Instruments

Part # TLC876CPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CPWR Datasheet(HTML) 4 Page - Texas Instruments

  TLC876CPWR Datasheet HTML 1Page - Texas Instruments TLC876CPWR Datasheet HTML 2Page - Texas Instruments TLC876CPWR Datasheet HTML 3Page - Texas Instruments TLC876CPWR Datasheet HTML 4Page - Texas Instruments TLC876CPWR Datasheet HTML 5Page - Texas Instruments TLC876CPWR Datasheet HTML 6Page - Texas Instruments TLC876CPWR Datasheet HTML 7Page - Texas Instruments TLC876CPWR Datasheet HTML 8Page - Texas Instruments TLC876CPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AGND
1, 19
Analog ground
AIN
27
I
Analog input
AVDD
28
5-V analog supply
CLK
15
I
Clock input
CML
26
O
Bypass for an internal bias point. Typically a 0.1
µF capacitor minimum is connected from this terminal to ground.
DGND
14, 20
Digital ground
DVDD
18
5-V digital supply
DRVDD
2
3.3-V/5-V digital supply. Supply for digital input and output buffers.
DRGND
13
3.3-V/5-V digital ground. Ground for digital input and output buffers.
D0 –D9
3–12
O
Digital data out. D0:LSB, D9:MSB
OE
16
I
Output enable. When OE = low or NC, the device is in normal operating mode. When OE = high, D0–D9 are high
impedance.
REFBF
24
I
Reference bottom force
REFBS
25
I
Reference bottom sense
REFTF
22
I
Reference top force
REFTS
21
I
Reference top sense
STBY
17
I
Standby enable. When STBY = low or NC, the device is in normal operating mode. When STBY = high, the device
is in standby mode.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)†
Supply voltage, AVDD to AGND, DVDD to DGND
–0.3 V to 6.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Reference voltage input range to AGND, VI(REFTF), VI(REFBF), VI(REFBS),
VI(REFTS)
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Analog input voltage range to AGND
–0.3 V to AVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital input voltage range
–0.3 V to DVDD + 0.3 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Digital output voltage range applied from external source
–0.5 V to DVDD
. . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating virtual junction temperature range, TJ
–55
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: TLC876C
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC876I
–40
°C to 85°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
TLC876M
–55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
DISSIPATION RATING TABLE
PACKAGE
TA ≤ 25°C
POWER RATING
DERATING FACTOR
ABOVE TA = 25°C ‡
TA = 70°C
POWER RATING
TA = 85°C
POWER RATING
TA = 125°C
POWER RATING
DB
1353 mW
10.82 mW/
°C
866 mW
703 mW
—
DW
1598 mW
12.78 mW/
°C
1023 mW
831 mW
320 mW
PW
1207 mW
9.65 mW/
°C
772 mW
627 mW
—
‡ This is the inverse of the traditional junction-to-ambient thermal resistance (R
ΘJA). Thermal resistance is not production tested,
and values given are for informational purposes only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com