Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CPWR Datasheet(PDF) 8 Page - Texas Instruments

Part # TLC876CPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CPWR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TLC876CPWR Datasheet HTML 4Page - Texas Instruments TLC876CPWR Datasheet HTML 5Page - Texas Instruments TLC876CPWR Datasheet HTML 6Page - Texas Instruments TLC876CPWR Datasheet HTML 7Page - Texas Instruments TLC876CPWR Datasheet HTML 8Page - Texas Instruments TLC876CPWR Datasheet HTML 9Page - Texas Instruments TLC876CPWR Datasheet HTML 10Page - Texas Instruments TLC876CPWR Datasheet HTML 11Page - Texas Instruments TLC876CPWR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
8
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
operating characteristics at AVDD = DVDD = 5 V, DRVDD = 3.3 V, VI(REFT) = 3.6 V, VI(REFB) = 1.6 V,
fCLK = 20 MSPS (unless otherwise noted)
timing requirements
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
fconv
Maximum conversion rate (see Note 2)
20
MHz
td(o)
Delay time, output
CL = 20 pF
5
20
ns
td(pipe)
Delay time, pipeline, latency
3.5
Clock
cycles
td(A)
Delay time, aperture
4
ns
Aperture jitter
22
ps
tdis(DD)
Disable time, OE
↑ to Hi-Z
CL =20 pF
5
15
ns
ten(HL)
Enable time, OE
↓ to valid data
CL = 20 pF
5
15
ns
NOTE 2: The conversion rate can be a minimum of 10 kHz without degradation in specified performance.
PARAMETER MEASUREMENT INFORMATION
D0 – D9
Data N–4
Data N–3
Data N–2
Data N–1
Data N
tc
tw(CLKH)
tw(CLKL)
Sample N
Sample N+1
Sample N+2
AIN
CLK
td(o)
td(pipe)
td(A)
td(o)
Figure 1. Timing Diagram
tdis(DD)
ten(HL)
High Impedance
Active
OE
D0–D9
Figure 2. Output Enable to Data Output Timing Diagram
STBY
CLK
Output Data Valid
Figure 3. Standby Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com