Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLC876CPWR Datasheet(PDF) 15 Page - Texas Instruments

Part # TLC876CPWR
Description  10-BIT 20 MSPS PARALLEL OUTPUT CMOS ANALOG-TO-DIGITAL CONVERTERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLC876CPWR Datasheet(HTML) 15 Page - Texas Instruments

Back Button TLC876CPWR Datasheet HTML 11Page - Texas Instruments TLC876CPWR Datasheet HTML 12Page - Texas Instruments TLC876CPWR Datasheet HTML 13Page - Texas Instruments TLC876CPWR Datasheet HTML 14Page - Texas Instruments TLC876CPWR Datasheet HTML 15Page - Texas Instruments TLC876CPWR Datasheet HTML 16Page - Texas Instruments TLC876CPWR Datasheet HTML 17Page - Texas Instruments TLC876CPWR Datasheet HTML 18Page - Texas Instruments TLC876CPWR Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
TLC876M, TLC876I, TLC876C
10-BIT 20 MSPS PARALLEL OUTPUT CMOS
ANALOG-TO-DIGITAL CONVERTERS
SLAS140E – JULY 1997 – REVISED OCTOBER 2000
15
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
PRINCIPLES OF OPERATION
driving the analog input (continued)
1
7
NC
5
6
4
2
3
0.1
µF
NC
VCC
RL = 4.99 kΩ
AIN
TLC876
14.7 k
Ω
3 k
Ω
RIN = 4.99 kΩ
2V(PP)
REFBF
0 V dc
–
+
A†
† Amplifier A can be an AD817 or AD818 with terminal numbers as shown. The AD817 and AD818
are wide bandwidth single supply op-amps.
Figure 16. Bipolar Level Shift
driving the reference terminals
dc considerations
The TLC876 requires an external reference on terminals REFTF and REFBF and a resistor array, nominally
500
Ω, is connected between terminals REFTF and REFBF. A Kelvin connection, using the TLC876 reference
sense terminals REFTS and REFBS, minimizes voltage drops caused by external and internal wiring
resistance.
Figure 17 shows the equivalent input structure for the reference terminals. There is approximately 5
Ω of
resistance between both REFTF and REFBF terminals and the reference ladder. If the force-sense connections
are not used, the voltage drop across the 5-
Ω resistors results in a reduced voltage appearing across the ladder
resistance. This reduces the input span of the converter. Applying a slightly larger span between the REFTF
and REFBF terminals compensates for this error. Note that the temperature coefficients of the 5-
Ω resistors are
1350 ppm. The effects of temperature should be considered when a force-sense reference configuration is not
used.
5
Ω
5
Ω
RARRAY
500
Ω
C (Equivalent)
CLK
CLK
TLC876
REFTF
REFTS
REFBS
REFBF
DAC
10
Ω
5
Ω
5
Ω
5
Ω
10
Ω
5
Ω
5
Ω
5
Ω
Figure 17. TLC876 Equivalent Reference Structure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com