Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK3114SCZPV Datasheet(PDF) 21 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 21 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 17Page - Texas Instruments TLK3114SCZPV Datasheet HTML 18Page - Texas Instruments TLK3114SCZPV Datasheet HTML 19Page - Texas Instruments TLK3114SCZPV Datasheet HTML 20Page - Texas Instruments TLK3114SCZPV Datasheet HTML 21Page - Texas Instruments TLK3114SCZPV Datasheet HTML 22Page - Texas Instruments TLK3114SCZPV Datasheet HTML 23Page - Texas Instruments TLK3114SCZPV Datasheet HTML 24Page - Texas Instruments TLK3114SCZPV Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 68 page
background image
3−3
Byte to be Transmitted
td(T_Latency)
10-Bit Code Transmitted
TXxP
TXxN
TDx[7:0]
TCx
Figure 3−2. Transmitter Latency
3.7
Channel Clock to Serial Transmit Clock Synchronization
The TLK3114SC device requires an external differential reference clock, RFCP/N, for the on-chip phase-locked loop
(PLL) and the clock/data recovery loop. To compensate for arbitrary clock phase tolerance differences between the
reference clock and the data aligned to the transmit clock, a small FIFO in the parallel transmit data path on each
channel is employed. This FIFO has a depth of four bytes.
The reference clock and the transmit data clock(s) are assumed to be from a common source and only phase
misaligned due to different path delays as shown in Figure 3−3 and Figure 3−4. The reference clock is multiplied in
frequency 10x to produce the internal serialization clock. The internal serialization clock is used to clock out the serial
transmit data.
Channel
Logic
Protocol Device
TX
FIFO
Channel A
TCA
TLK3114SC
Serdes
Core
Data A
Channel
Logic
TX
FIFO
Channel B
Data B
Serdes
Core
Channel
Logic
TX
FIFO
Channel C
Data C
Serdes
Core
Channel
Logic
TX
FIFO
Channel D
Data D
Serdes
Core
Xtal OSC
RFCP/RFCN
Figure 3−3. Transmit and Reference Clock Relationship (Channel Sync Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com