Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK3114SCZPV Datasheet(PDF) 27 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 27 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 23Page - Texas Instruments TLK3114SCZPV Datasheet HTML 24Page - Texas Instruments TLK3114SCZPV Datasheet HTML 25Page - Texas Instruments TLK3114SCZPV Datasheet HTML 26Page - Texas Instruments TLK3114SCZPV Datasheet HTML 27Page - Texas Instruments TLK3114SCZPV Datasheet HTML 28Page - Texas Instruments TLK3114SCZPV Datasheet HTML 29Page - Texas Instruments TLK3114SCZPV Datasheet HTML 30Page - Texas Instruments TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
3−9
D = Data
T = K29.7
A = K28.3
K = K28.5
E = Error (0xFE)
I = Idle
Running Disparity Error
Detected by /A/ Yields
RXA
A
D
D
D
D
...
XAUI
I
E
D
D
D
...
XGMII
Running Disparity Error
Detected by /T/ Yields
RXB
A
T
D
D
D
...
I
T
E
D
D
...
Running Disparity Error
Detected by /K/ Yields
RXC
A
K
D
D
D
...
I
I
E
D
D
...
Running Disparity Error
Detected by /K/ Yields
RXD
A
K
D
D
D
...
I
I
E
D
D
...
Figure 3−8. End-of-Packet Error Detection
3.15 Fault Detection and Reporting
The TLK3114SC device detects and reports local faults as well as forwards both local and remote faults as defined
in the IEEE P802.3ae to aid in fault diagnosis. All faults detected by the TLK3114SC device, such as LOS detect, are
reported as local faults to the upper layer protocols, as shown in Table 3−7. Once a local fault is detected in the
TLK3114SC device, bit 7 in MDIO registers 4.1 and 5.1 is set. Fault sequences received by the TLK3114SC device,
either on the transmit data bus or on the high-speed receiver terminals, are forwarded without change to the MDIO
registers in the TLK3114SC device.
The TLK3114SC device reports a fault by outputting a K28.4 (0x9C) on channel A, 0x00 on channels B and C, and
either 0x01 for local faults or 0x02 for remote faults on the receive data terminals for channel D. Forwarding of remote
faults is handled as a normal transmission.
Table 3−7. Local and Remote Fault Sequences
CHANNEL DESCRIPTION
LOCAL FAULT
REMOTE FAULT
RDA[7:0]
Sequence‡
Sequence‡
Channel A†
RDA8
1
1
Channel A†
RDA9
1
1
RDB[7:0]
00
00
Channel B
RDB8
0
0
Channel B
RDB9
0
0
RDC[7:0]
00
00
Channel C
RDC8
0
0
Channel C
RDC9
0
0
RDD[7:0]
01
02
Channel D
RDD8
0
0
Channel D
RDD9
0
0
† Channels A, B, C, and D are equal to the XGMII lanes 0, 1, 2, and 3, respectively.
‡ The sequence character is equal to 0x9C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com