Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK3114SCZPV Datasheet(PDF) 33 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 33 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 29Page - Texas Instruments TLK3114SCZPV Datasheet HTML 30Page - Texas Instruments TLK3114SCZPV Datasheet HTML 31Page - Texas Instruments TLK3114SCZPV Datasheet HTML 32Page - Texas Instruments TLK3114SCZPV Datasheet HTML 33Page - Texas Instruments TLK3114SCZPV Datasheet HTML 34Page - Texas Instruments TLK3114SCZPV Datasheet HTML 35Page - Texas Instruments TLK3114SCZPV Datasheet HTML 36Page - Texas Instruments TLK3114SCZPV Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 68 page
background image
3−15
RXAP/RXAN
Any Valid
Code
K28.5
K28.3
K28.0
R
R
XK
A
K
RXBP/RXBN
RXCP/RXCN
RXDP/RXDN
RCA
RDA[9:0]
AK
R
RDB[9:0]
RDC[9:0]
RDD[9:0]
Undefined
Undefined
AK
R
Undefined
Undefined
AK
R
Undefined
Undefined
AK
R
Undefined
Undefined
R
X X X X X X X X X
A A A A A A A A A
K K K K K K K K K
R R R R R R R R R
K K K
R
R
XK
A
K
R
X X X X X X X X X
A A A A A A A A A
K K K K K K K K K
R R R R R R R R R
K K K
R
R
XK
A
K
R
X X X X X X X X X
A A A A A A A A A
K K K K K K K K K
R R R R R R R R R
K K K
R
R
XK
A
K
R
X X X X X X X X X
A A A A A A A A A
K K K K K K K K K
R R R R R R R R R
K K K
Figure 3−14. Channel Synchronization Using Alignment Code
3.19 Clock Tolerance Compensation (CTC)
The XAUI interface is defined to allow for separate clock domains on each side of the link. Though the reference clocks
for two devices on a XAUI link have the same specified frequencies, there are slight differences within those limits
that, if not compensated for, lead to over- or underruns of the FIFOs on the receive data path. The TLK3114SC device
provides compensation for these differences in reference clock frequencies via the insertion or the removal of R
characters on all channels, as shown in Figure 3−15 and Figure 3−16. Bit 11 of MDIO register 16 allows enabling of
the CTC, as noted in Table 3−18.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com