Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLK3114SCZPV Datasheet(PDF) 53 Page - Texas Instruments

Part # TLK3114SCZPV
Description  10-Gbps XAUI Transceiver
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TLK3114SCZPV Datasheet(HTML) 53 Page - Texas Instruments

Back Button TLK3114SCZPV Datasheet HTML 49Page - Texas Instruments TLK3114SCZPV Datasheet HTML 50Page - Texas Instruments TLK3114SCZPV Datasheet HTML 51Page - Texas Instruments TLK3114SCZPV Datasheet HTML 52Page - Texas Instruments TLK3114SCZPV Datasheet HTML 53Page - Texas Instruments TLK3114SCZPV Datasheet HTML 54Page - Texas Instruments TLK3114SCZPV Datasheet HTML 55Page - Texas Instruments TLK3114SCZPV Datasheet HTML 56Page - Texas Instruments TLK3114SCZPV Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 68 page
background image
3−35
Table 3−37. PHY XS Register Cross Reference (Registers 4.32768−4.32776)
REGISTER
ADDRESS
NAME
EQUIVALENT
REGISTER
ADDRESS
EQUIVALENT REGISTER
NAME
DEFINITION
4.32768
PHY XS global configuration
16
Global Configuration
See Table 3−18
4.32769−4.32772
PHY XS channels A−D
configuration
17−20
Channels A−D Configuration
See Table 3−19, Table 3−20,
Table 3−21, and Table 3−22
4.32774
PHY XS channel status
22
Channel Status
See Table 3−23
4.32775
PHY XS channel sync status
23
Channel Sync Status
See Table 3−24
4.32776
PHY XS CTC status
24
CTC Status
See Table 3−25
4.32777
Error counter control
25
Error Counter Control
See Table 3−26
4.32778−4.32781
Channels A−D error count
26−29
Channels A−D Error Count
See Table 3−27, Table 3−28,
Table 3−29, and Table 3−30
Table 3−38. DTE XS Control 1 Register (Register 5.0)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15
Reset
Logically ORed with the inverse of RSTN terminal.
1 = Global resets including FIFO clear.
0 = Normal operation (default).
Read/Write
Self Clearing†
14
Loopback
1 = Enable loopback mode on all channels.
0 = Disable loopback mode on all channels (default).
Read/Write
13
Speed selection (LSB)
Not applicable. Read returns 1.
Read-only
12:7
Reserved
Not applicable. Read returns all 0s.
Read-only
6
Speed selection (MSB)
Not applicable. Read returns 1.
Read-only
5:2
Speed selection
Not applicable. Read returns all 0s.
Read-only
1:0
Reserved
Not applicable. Read returns all 0s.
Read-only
† After reset, this bit is set to 1; it automatically sets itself back to 0 on the next MDC clock cycle.
Table 3−39. DTE XS Status 1 Register (Register 5.1)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:8
Reserved
Read is ignored.
Read-only
7
Local fault
Logical OR of register 5.8, bits 10 and 11.
Read-only
6:3
Reserved
Read is ignored.
Read-only
2
RX link status
1 = Link is up
0 = Link is down
Latches low until read.
Read-only
1:0
Reserved
Read is ignored.
Read-only
Table 3−40. DTE XS Speed Ability Register (Register 5.4)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:1
Reserved
Read returns all 0s.
Read-only
0
10G capable
Read returns a 1.
Read-only
Table 3−41. Devices in Package Register (Register 5.5)
BIT(S)
NAME
DESCRIPTION
READ/WRITE
15:6
Reserved
Read is ignored.
Read-only
5
DTE XS present
1 = Device is configured as a DTE XS.
0 = Device is configured as a PHY XS.
Read-only
4
PHY XS present
1 = Device is configured as a PHY XS.
0 = Device is configured as a DTE XS.
Read-only
3:1
Not applicable
Read returns all 0s.
Read-only
0
Clause 22 registers present
Read returns 1.
Read-only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com