Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 3 Page - Texas Instruments

Part # SS22SDP2
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 3 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
Getting Started
1
Getting Started
A diagram of the ADS1x31REF is shown in Figure 1.
Figure 1. ADS1x31REF Controls and Connectors
1.1
Operating Modes
The ADS1x31REF operates in one of three modes:
•
Scale mode: When the mode select switch is in Scale position, the ADS1x31REF acts as a basic
weigh scale. The scale has tare, range, and calibrate functions, and can display metric (SI) units. Other
parameters can be configured in configuration screens. Scale mode is described in detail in Section 2.
•
Analysis mode: When the mode select switch is in Analysis position, codes are taken directly from the
installed ADS device and various measurements are made upon them. Several measurements are
available, including raw display, voltage, RMS noise, and peak-to-peak measurements. The ADS1131
or ADS1231 can also be configured directly from this mode. Analysis mode is described in detail in
Section 3.
•
Configuration mode: Parameters governing the operation of the ADS1x31REF can be viewed and
altered in this mode. Scale and Analysis modes have different options in configuration mode:
configuration for Scale mode is described in Section 2.4, and configuration for Analysis mode is
described in Section 3.4.
3
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com