Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 10 Page - Texas Instruments

Part # SS22SDP2
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments SS22SDP2 Datasheet HTML 10Page - Texas Instruments SS22SDP2 Datasheet HTML 11Page - Texas Instruments SS22SDP2 Datasheet HTML 12Page - Texas Instruments SS22SDP2 Datasheet HTML 13Page - Texas Instruments SS22SDP2 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 31 page
background image
Weigh Scale Mode
www.ti.com
2.4.1
Parameters
Display units: The units to use when displaying mass. Available units are
μg (displayed as ug), mg, g, kg,
ounces (oz), pounds, (lb), and stone (st). See Section 2.1 for details.
Averages: Number of points to use when reading weight. The choices available are 2, 4, 8, 10, 16, 32,
50, 64, 100, and 128. The default is 50.
ADC speed: This parameter selects between the two data rates on the installed ADS device, which are
called high-speed and low-speed. When high-speed mode is selected, FAST is shown; for low-speed
mode, SLOW is shown.(1)
The actual data rate of the ADS1131 or ADS1231 depends on the frequency of the master clock, f
CLK. In
fast mode, the data rate is f
CLK/61440; in slow mode, the data rate is fCLK/491520. See the ADS1131 data
sheet or the ADS1231 data sheet for further information.
The default setting is low-speed mode.
Calibration weight: This parameter gives the expected mass of the calibration weight used in the
calibration procedure (Section 2.3). The calibration mass can be given in any of the available units, in
three significant figures. The unit is independent of the display unit.
Each digit in the mass is adjusted separately. The currently-selected digit flashes, and can be adjusted
with the VALUE buttons. The PARM buttons are used to select the digit. The unit is adjusted in the same
manner, and flashes when selected.
When the unit is changed, the value changes to the equivalent mass in the new unit.
Save parameters: This screen allows the settings of the ADS1x31REF to be stored in flash memory. It
functions the same as it does in Analysis mode. When ENT or SEL is pressed on this screen, the
ADS1x31REF saves its settings to flash memory. These settings are loaded from flash memory when the
board is reset or powered on. All operating parameters are saved, including scale calibration settings,
voltage reference, display mode, and units.
Version number: This screen displays the version number of the ADS1x31REF firmware.
(1)
The ADS1x31REF cannot detect the frequency of the ADS1231 master clock, so it cannot display the actual data rate of the ADS1231
device.
10
ADS1131REF and ADS1231REF
SBAU175A
– July 2010 – Revised August 2011
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com