Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 1 Page - Texas Instruments

Part # SS22SDP2
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 1 Page - Texas Instruments

  SS22SDP2 Datasheet HTML 1Page - Texas Instruments SS22SDP2 Datasheet HTML 2Page - Texas Instruments SS22SDP2 Datasheet HTML 3Page - Texas Instruments SS22SDP2 Datasheet HTML 4Page - Texas Instruments SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
User
's Guide
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
The ADS1131REF and the ADS1231REF are reference designs for delta-sigma analog-to-digital
converters (ADCs). The ADS1131REF contains the ADS1131 18-bit device, while the ADS1231REF
contains the ADS1231 24-bit device. Both systems contain all the circuitry and user interface elements
needed for a weigh-scale digitizer, and are meant as examples of a good design for a basic weigh-scale
system. Each system is also suitable for general evaluation of the respectively installed ADC. Throughout
this document, the term ADS1x31REF is used to refer to the common features and functions for both
systems.
The ADS1x31REF hardware has the following features:
•
ADS1131 ADC for the ADS1131REF and ADS1231 ADC for the ADS1231REF
•
Connections for load cells or other voltage sources
•
Low-side excitation switch on the load cell header connector
•
Ample EMI/RFI suppression between the ADC and rest of design
•
Eight-digit starburst LCD readout
•
USB connection for firmware updates and remote control
•
Designed for very low power consumption
•
Battery (9V) or wall power
Version 1.0.0 of the firmware includes the following features:
•
Weigh-scale mode with two-point calibration
•
Complete configuration of the device
•
Real-time peak-to-peak and RMS noise calculation
•
Autoranging voltage display
•
Noise displayed in volts, codes, and bits
•
Voltage displayed in volts or codes
•
Adjustable averaging mode
•
Raw hexadecimal code display
•
Simple and fast configuration
•
Parameters saved to internal flash memory
•
Computer link
Graphical PC software is also provided for histogram display, datalogging, and device control.
We welcome bug reports and suggestions for additional features; please contact the Texas Instruments
Precision Analog Applications Group.
Hyperterm is a trademark of Microsoft Corporation.
Windows is a registered trademark of Microsoft Corporation.
All other trademarks are the property of their respective owners.
1
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated


Similar Part No. - SS22SDP2

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
SS22SDP2 NKK-SS22SDP2 Datasheet
149Kb / 5P
Ultra-Miniature Slides
logo
Texas Instruments
SS22SDP2 TI1-SS22SDP2 Datasheet
2Mb / 48P
Contains all support circuitry needed for the ADS1174/ADS1274
May2009
logo
Nihon Kaiheiki Industry...
SS22SDP2LC NKK-SS22SDP2LC Datasheet
185Kb / 4P
Ultra-Miniature Slides
logo
GREATECS
SS22SDP2LC GREATECS-SS22SDP2LC Datasheet
1Mb / 2P
Miniature Illuminated Slide Switches
logo
Nihon Kaiheiki Industry...
SS22SDP2LE NKK-SS22SDP2LE Datasheet
185Kb / 4P
Ultra-Miniature Slides
More results

Similar Description - SS22SDP2

ManufacturerPart #DatasheetDescription
logo
Minilogic Device Corpor...
ML74WLDF MINILOGIC-ML74WLDF Datasheet
156Kb / 4P
AND Gate (unbuffered) and Buffered
logo
Ferroxcube Internationa...
CPHS-FRM21-7S-8P FERROXCUBE-CPHS-FRM21-7S-8P Datasheet
29Kb / 1P
Frame and Bar cores and accessories
CPHS-FRM27-6S-8P FERROXCUBE-CPHS-FRM27-6S-8P Datasheet
34Kb / 1P
Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20 Datasheet
18Kb / 1P
Frame and Bar cores and accessories
FRM20 FERROXCUBE-FRM20_1 Datasheet
59Kb / 6P
Frame and Bar cores and accessories
FRM243910 FERROXCUBE-FRM243910 Datasheet
58Kb / 5P
Frame and Bar cores and accessories
logo
C&K Components
CCM03MK2 CK-COMPONENTS-CCM03MK2 Datasheet
1Mb / 15P
Compatible with pick and place and
logo
AVAGO TECHNOLOGIES LIMI...
SAS-9305 AVAGO-SAS-9305 Datasheet
698Kb / 2P
Supports SSDs and HDDs and tapedrives
logo
Maxim Integrated Produc...
MAX1668EVSYS MAXIM-MAX1668EVSYS Datasheet
1Mb / 7P
Measures and Displays Remote and Internal
Rev 0; 12/00
logo
Renesas Technology Corp
SLG7NT4774V RENESAS-SLG7NT4774V Datasheet
977Kb / 9P
ALL_SYS_PWRGD and PCH_PWROK and SYS_PWROK Logic
February 25, 2022
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com