Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22SDP2 Datasheet(PDF) 9 Page - Texas Instruments

Part # SS22SDP2
Description  ADS1131REF and ADS1231REF
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SS22SDP2 Datasheet(HTML) 9 Page - Texas Instruments

Back Button SS22SDP2 Datasheet HTML 5Page - Texas Instruments SS22SDP2 Datasheet HTML 6Page - Texas Instruments SS22SDP2 Datasheet HTML 7Page - Texas Instruments SS22SDP2 Datasheet HTML 8Page - Texas Instruments SS22SDP2 Datasheet HTML 9Page - Texas Instruments SS22SDP2 Datasheet HTML 10Page - Texas Instruments SS22SDP2 Datasheet HTML 11Page - Texas Instruments SS22SDP2 Datasheet HTML 12Page - Texas Instruments SS22SDP2 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 31 page
background image
www.ti.com
Weigh Scale Mode
2.2.2
RANGE
The RANGE button changes the units or range of the display. RANGE cycles through all available units;
see Section 2.1 for details. When the RANGE button is depressed, it displays the selected unit.
2.2.3
CAL
Pressing CAL initiates the two-point calibration sequence. See Section 2.3 for details.
2.3
Calibration
Two-point calibration is performed by pressing the CAL button. When this button is pressed, the board
executes the following command sequence:
1. The board scrolls the message, REMOVE WEIGHT.
2. The user removes all weight from the load cell and presses any button.
3. The board measures the load cell voltage and records it as the zero point.
4. The board scrolls the message PLACE CAL WEIGHT.
5. The user places a weight on the load cell and presses any button. The weight should have the mass
that was selected in the configuration mode.
6. The board measures the load cell voltage and records it as the calibration weight.
New calibration data is lost when power is removed. To prevent this data loss, calibration data can be
saved, with other board settings, to flash memory. See Section 3.4.1 for details.
2.4
Configuration
The parameters for Scale mode can be adjusted in the configuration mode.
To enter configuration mode, press the PARM buttons simultaneously. The four buttons then assume the
functions shown in the CONFIG box. To exit Configuration mode, press the PARM buttons simultaneously
again. This function does not cause parameters to be adjusted, because only button releases are detected
in Configuration mode.
Configuration mode contains a number of adjustable parameters. To scroll through the available
parameters, use the PARM buttons. To change the parameter values, use the VALUE buttons.
Some items in configuration mode are not parameters, but commands or gateways to a submenu. These
items are labelled as words with a question mark. To enter these or to execute the command, press SEL
or ENT.
All parameters in the analysis and scale configuration menus are independent, including the parameters
found in both modes.
Table 2 summarizes the available parameters.
Table 2. Parameters in Configuration Mode
Parameter
Display
Value Range
Description
Display units
UNIT=
μg, mg, g, kg, lb, st, oz
Display units
Averages
AVGS=
2
–128
Number of points to
average
ADC speed
SPD=
FAST, SLOW
Acquisition rate
Calibration mass
CW=
0
–99.9 in various units
Calibration mass and unit
Save parameters
SAVE?
—
Save parameters; see text
Version number
V1.0.0
—
Firmware version number
display
9
SBAU175A
– July 2010 – Revised August 2011
ADS1131REF and ADS1231REF
Submit Documentation Feedback
Copyright
© 2010–2011, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com