Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TNETA1500 Datasheet(PDF) 4 Page - Texas Instruments

Part # TNETA1500
Description  155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TNETA1500 Datasheet(HTML) 4 Page - Texas Instruments

  TNETA1500 Datasheet HTML 1Page - Texas Instruments TNETA1500 Datasheet HTML 2Page - Texas Instruments TNETA1500 Datasheet HTML 3Page - Texas Instruments TNETA1500 Datasheet HTML 4Page - Texas Instruments TNETA1500 Datasheet HTML 5Page - Texas Instruments TNETA1500 Datasheet HTML 6Page - Texas Instruments TNETA1500 Datasheet HTML 7Page - Texas Instruments TNETA1500 Datasheet HTML 8Page - Texas Instruments TNETA1500 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
TNETA1500
155.52-MBIT/S SONET/SDH ATM RECEIVER/TRANSMITTER
SDNS021D – MARCH 1994 – REVISED JANUARY 1998
4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
detailed description
transmit operation
The transmit-cell interface consists of the byte-wide input data (TD0–TD7), input clock (TCKI), start of ATM-cell
input (TXCELL), transmit write-enable input (TWE), and transmit-input FIFO almost-full output (TXAF). Input
data is clocked into the TNETA1500 on low-to-high transitions of TCKI when TWE is low. The transmit-input
FIFO almost-full flag (TXAF) goes active when the transmit FIFO is within five bytes of filling up (the FIFO holds
three complete ATM cells).
The 48-byte information field of the ATM cell is scrambled using a self-synchronizing scrambler polynomial of
x43 + 1 to improve the efficiency of the cell-delineation procedure. At startup, the scrambler is initialized to an
all-1s state. The 5-byte ATM header is not scrambled at this step. TXCELL identifies the first byte of the ATM
cell and disables the scrambler. The input data is stored in the transmit-input FIFO and multiplexed into the
SONET/SDH payload after all 53 bytes have been received. If the FIFO does not contain 53 bytes of information
at the start of a cell-insertion cycle, an idle or unassigned cell is sent, dependent on the status of the control
registers. An idle cell is defined as an ATM cell with the 5-byte header set to 00 00 00 01 52 (hex) and the 48-byte
payload set to 6A (hex). An unassigned cell is defined as an ATM cell with the 5-byte header set to 00 00 00
00 55 (hex) and the 48-byte payload set to 6A (hex) (see the controller interface section for more information
on the operation of the control registers).
The transmit section calculates the header-error-check (HEC) byte in the ATM header by default. This implies
that the fifth byte of the ATM cell that is input through the transmit-cell interface is ignored. The HEC byte is
calculated in accordance with the ANSI T1.624-1993 and CCITT recommendation I.432. This feature can be
disabled by setting a bit in the control register.
The transmit operation can be programmed to send either a SONET STS-3c frame or an SDH STM-1 frame.
When SDHENABLE is low, a SONET STS-3c frame is transmitted. When SDHENABLE is high, an STM-1 frame
is transmitted. For both the STS-3c and STM-1 frames, the location of the J1 byte in the path overhead is fixed;
the J1 byte always comes after the third C1 byte of the transport overhead (this is known as location 522). The
data-communication channels (D1 through D12 bytes) in the transport overhead (TOH) are set to a hex value
of FF 00 00. The values for the transport- and path-overhead bytes for both an STS-3c frame and an STM-1
frame are given in Table 1.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com